Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2731584 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part No. 2731584
Description  The illustration shows version IBS RL 24 DI 16/8-LK
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2731584 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2731584 Datasheet HTML 1Page - PHOENIX CONTACT 2731584 Datasheet HTML 2Page - PHOENIX CONTACT 2731584 Datasheet HTML 3Page - PHOENIX CONTACT 2731584 Datasheet HTML 4Page - PHOENIX CONTACT 2731584 Datasheet HTML 5Page - PHOENIX CONTACT 2731584 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
IBS RL 24 DI 16/8-LK-2MBD Order No.: 2731584
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2731584
PHOENIX CONTACT Deutschland GmbH
Page 2 / 6
http://www.phoenixcontact.de
Feb 8, 2011
Note on dimensions
With bus connectors and mounting plate
Weight
720 g
Note on weight specifications
Without connector or mounting plate
Mounting type
Wall mounting
Ambient temperature (operation)
0 °C ... 55 °C
Ambient temperature (storage/transport)
-25 °C ... 70 °C
Permissible humidity (operation)
100 %
Permissible humidity (storage/transport)
95 % (no condensation)
Air pressure (operation)
860 hPa ... 1080 hPa (up to 1500 m above mean sea level)
Air pressure (storage/transport)
660 hPa ... 1080 hPa (up to 3500 m above mean sea level)
Degree of protection
IP67, when screwed together
Note
Seal unused slots/connections to ensure the degree of protection.
Interface
Fieldbus system
INTERBUS
Name
Remote bus
Type of connection
Optic fiber (polymer fiber 980/1000 µm)
Transmission speed
2 MBaud
Transmission physics
FO
Power supply for module electronics
Supply voltage
24 V DC
Supply voltage range
18.5 V AC ... 32 V AC (including ripple)
Ripple
Max 3.6 Vpk-pk within the permissible voltage range
Digital inputs
Input name
Digital inputs
Connection method
2, 3, 4-wire
Number of inputs
16
Protective circuit
Electronic short-circuit/overload protection for each group
Input voltage range "0" signal
0 V AC ... 5 V AC
Input voltage range "1" signal
11 V AC ... 32 V AC
Typical input current per channel
3 mA


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn