Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2731584 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part No. 2731584
Description  The illustration shows version IBS RL 24 DI 16/8-LK
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2731584 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  2731584 Datasheet HTML 1Page - PHOENIX CONTACT 2731584 Datasheet HTML 2Page - PHOENIX CONTACT 2731584 Datasheet HTML 3Page - PHOENIX CONTACT 2731584 Datasheet HTML 4Page - PHOENIX CONTACT 2731584 Datasheet HTML 5Page - PHOENIX CONTACT 2731584 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
IBS RL 24 DI 16/8-LK-2MBD Order No.: 2731584
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2731584
PHOENIX CONTACT Deutschland GmbH
Page 3 / 6
http://www.phoenixcontact.de
Feb 8, 2011
Certificates / Approvals
Certification
CUL, UL
Accessories
Item
Designation
Description
Assembly
2731128
IBS RL AP
Mounting plate for Ruggedline devices
2819969
IBS RL PROT-LK
Transport protection for optic fiber bus connection
Cable/conductor
2820000
IBS PWR/5
Power supply cable, gray, welding-splash-resistant in standard
applications, 5 x 1.5 mm², sold by the meter
2731775
IBS PWR/5HD/F
Power supply cable, gray, welding-splash-resistant in standard
applications, 5 x 1.5 mm², highly stranded, sold by the meter
2819956
IBS RL CABLE POF/
Assembled cable sets with fiber optic bus connectors, sold by the
meter
2733029
IBS RL CONNECTION-LK
Assembled cable jumper as a short connection between two
INTERBUS Rugged Line devices with fiber optic bus connectors
and power supply, approximately 30 cm
2744319
PSM-LWL-KDHEAVY-980/1000
Polymer fiber cable, duplex 980/1000 µm, medium-weight version
for permanent indoor installation, by the meter, without connector
2744322
PSM-LWL-RUGGED-980/1000
Polymer fiber cable, duplex, 980 µm/1000 µm, heavy version
for permanent indoor installation, sold by the meter without
connectors
2744335
PSM-LWL-RUGGED-
FLEX-980/1000
Polymer fiber cable, duplex 980/1000 µm, heavy-weight, highly
flexible version for flexible conduit applications, by the meter,
without connector
General
2743705
IBS RL SYS PRO UM
User manual, German, for configuring and installing the Rugged
Line product range, only available as a download.
1641769
SACC-M12MS-4QO-0,75
Sensor/actuator connector, plug, straight, 4-pos., M12, A-coded,
QUICKON-ONE, plastic knurl, cable diameter max. 8 mm
Marking
2734727
IBS RL MARKER-G-SET
100 large metal marking labels


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn