Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTL5V3SRK Datasheet(PDF) 3 Page - Lite-On Technology Corporation

Part # LTL5V3SRK
Description  High luminous intensity output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL5V3SRK Datasheet(HTML) 3 Page - Lite-On Technology Corporation

  LTL5V3SRK Datasheet HTML 1Page - Lite-On Technology Corporation LTL5V3SRK Datasheet HTML 2Page - Lite-On Technology Corporation LTL5V3SRK Datasheet HTML 3Page - Lite-On Technology Corporation LTL5V3SRK Datasheet HTML 4Page - Lite-On Technology Corporation LTL5V3SRK Datasheet HTML 5Page - Lite-On Technology Corporation LTL5V3SRK Datasheet HTML 6Page - Lite-On Technology Corporation LTL5V3SRK Datasheet HTML 7Page - Lite-On Technology Corporation LTL5V3SRK Datasheet HTML 8Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
L I T E - ON T E C HNOL OGY CORP O RATIO N
P r operty of LITE-ON Only
Electrical / Optical Characteristics at TA=25℃
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Luminous Intensity
IV
680
1500
mcd
IF = 20mA
Note 1,5
Viewing Angle
1/2
70 / 35
deg
Note 2 (Fig.5)
Peak Emission Wavelength
λP
639
nm
Measurement
@Peak (Fig.1)
Dominant Wavelength
λd
630
nm
Note 4
Spectral Line Half-Width
Δλ
17
nm
Forward Voltage
VF
2.2
2.6
V
IF = 20mA
Reverse Current
IR
100
μA
VR = 5V
Capacitance
C
40
pF
VF = 0 , f = 1MHz
NOTE: 1. Luminous intensity is measured with a light sensor and filter combination that approximates the CIE
eye-response curve.
2. θ1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity.
3. Iv classification code is marked on each packing bag.
4. The dominant wavelength, λd is derived from the CIE chromaticity diagram and represents the single
wavelength which defines the color of the device.
5. The Iv guarantee should be added ±15﹪tolerance.
Part No. : LTL5V3SRK
Page :
3
of
8
BNS-OD-C131/A4


Similar Part No. - LTL5V3SRK

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTL5V3SSS LITEON-LTL5V3SSS Datasheet
558Kb / 10P
   High luminous intensity output
More results

Similar Description - LTL5V3SRK

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTL5V3SSS LITEON-LTL5V3SSS Datasheet
558Kb / 10P
   High luminous intensity output
logo
Everlight Electronics C...
EALP05OLAGA0 EVERLIGHT-EALP05OLAGA0 Datasheet
447Kb / 9P
   High luminous intensity output
EALP03OLAGA5 EVERLIGHT-EALP03OLAGA5 Datasheet
797Kb / 11P
   High luminous intensity output
EALP03OLARA6 EVERLIGHT-EALP03OLARA6 Datasheet
795Kb / 11P
   High luminous intensity output
EALP05OLABA0 EVERLIGHT-EALP05OLABA0 Datasheet
459Kb / 9P
   High luminous intensity output
EALP03OLAYA0 EVERLIGHT-EALP03OLAYA0 Datasheet
269Kb / 11P
   High luminous intensity output
EALP05OLARA1 EVERLIGHT-EALP05OLARA1 Datasheet
432Kb / 11P
   High luminous intensity output
EALP05OLBBA0 EVERLIGHT-EALP05OLBBA0 Datasheet
245Kb / 9P
   High luminous intensity output
EALP05OLBGA1 EVERLIGHT-EALP05OLBGA1 Datasheet
246Kb / 9P
   High luminous intensity output
EALP03OLARA1 EVERLIGHT-EALP03OLARA1 Datasheet
234Kb / 11P
   High luminous intensity output
logo
EHAOAN.
EH-T680KGKT EHAOAN-EH-T680KGKT Datasheet
771Kb / 10P
   High luminous intensity output.
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com