Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVTH244 Datasheet(PDF) 2 Page - ON Semiconductor

Part # 74LVTH244
Description  Low Voltage Octal Buffer/Line Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LVTH244 Datasheet(HTML) 2 Page - ON Semiconductor

  74LVTH244 Datasheet HTML 1Page - ON Semiconductor 74LVTH244 Datasheet HTML 2Page - ON Semiconductor 74LVTH244 Datasheet HTML 3Page - ON Semiconductor 74LVTH244 Datasheet HTML 4Page - ON Semiconductor 74LVTH244 Datasheet HTML 5Page - ON Semiconductor 74LVTH244 Datasheet HTML 6Page - ON Semiconductor 74LVTH244 Datasheet HTML 7Page - ON Semiconductor 74LVTH244 Datasheet HTML 8Page - ON Semiconductor 74LVTH244 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
©1999 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74LVT244, 74LVTH244 Rev. 1.5.0
January 2008
74LVT244, 74LVTH244
Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
Features
Input and output interface capability to systems at
5V VCC
Bushold data inputs eliminate the need for external
pull-up resistors to hold unused inputs (74LVTH244),
also available without bushold feature (74LVT244)
Live insertion/extraction permitted
Power Up/Down high impedance provides glitch-free
bus loading
Outputs source/sink –32mA/+64mA
Functionally compatible with the 74 series 244
Latch-up performance exceeds 500mA
ESD performance:
– Human-body model > 2000V
– Machine model > 200V
– Charged-device model > 1000V
General Description
The LVT244 and LVTH244 are octal buffers and line
drivers designed to be employed as memory address
drivers, clock drivers and bus oriented transmitters or
receivers which provide improved PC board density.
The LVTH244 data inputs include bushold, eliminating
the need for external pull-up resistors to hold unused
inputs.
These octal buffers and line drivers are designed for low-
voltage (3.3V) VCC applications, but with the capability to
provide a TTL interface to a 5V environment. The LVT244
and LVTH244 are fabricated with an advanced BiCMOS
technology to achieve high speed operation similar to 5V
ABT while maintaining low power dissipation.
Ordering Information
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering number.
All packages are lead free per JEDEC: J-STD-020B standard.
Order Number
Package
Number
Package Description
74LVT244WM
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
74LVT244SJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74LVT244MSA
MSA20
20-Lead Shrink Small Outline Package (SSOP), JEDEC MO-150, 5.3mm Wide
74LVT244MTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm
Wide
74LVTH244WM
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
74LVTH244SJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74LVTH244MSA
MSA20
20-Lead Shrink Small Outline Package (SSOP), JEDEC MO-150, 5.3mm Wide
74LVTH244MTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm
Wide


Similar Part No. - 74LVTH244

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVTH244 PHILIPS-74LVTH244 Datasheet
101Kb / 10P
   3.3V Octal buffer/line driver 3-State
1998 Oct 02
logo
Fairchild Semiconductor
74LVTH244 FAIRCHILD-74LVTH244 Datasheet
84Kb / 8P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVTH244 FAIRCHILD-74LVTH244 Datasheet
104Kb / 9P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
74LVTH244 ONSEMI-74LVTH244 Datasheet
319Kb / 12P
   Low Voltage Octal Buffer/Line Driver
January 2008 Rev. 1.5.0
logo
NXP Semiconductors
74LVTH244A PHILIPS-74LVTH244A Datasheet
101Kb / 10P
   3.3V Octal buffer/line driver 3-State
1998 Oct 02
More results

Similar Description - 74LVTH244

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LVX541 ONSEMI-74LVX541 Datasheet
189Kb / 8P
   Low Voltage Octal Buffer/Line Driver
Revised April 2005
74LVT2244 ONSEMI-74LVT2244 Datasheet
285Kb / 11P
   Low Voltage Octal Buffer/Line Driver
February 2008 Rev. 1.5.0
74LVTH244 ONSEMI-74LVTH244 Datasheet
319Kb / 12P
   Low Voltage Octal Buffer/Line Driver
January 2008 Rev. 1.5.0
74LVTH240 ONSEMI-74LVTH240 Datasheet
321Kb / 12P
   Low Voltage Octal Buffer/Line Driver
January 2008 Rev. 1.5.0
74LVTH2244 ONSEMI-74LVTH2244 Datasheet
285Kb / 11P
   Low Voltage Octal Buffer/Line Driver
February 2008 Rev. 1.5.0
74LVX244 ONSEMI-74LVX244 Datasheet
190Kb / 8P
   Low Voltage Octal Buffer/Line Driver
Revised April 2005
74VHC541 ONSEMI-74VHC541 Datasheet
203Kb / 9P
   Octal Buffer/Line Driver
Revised May 2005
74VHCT245A ONSEMI-74VHCT245A Datasheet
240Kb / 11P
   Octal Buffer/Line Driver
May 2007 Rev. 1.3
74VHCT244A ONSEMI-74VHCT244A Datasheet
237Kb / 11P
   Octal Buffer/Line Driver
May 2007 Rev. 1.3
74VHCT541A ONSEMI-74VHCT541A Datasheet
204Kb / 9P
   Octal Buffer/Line Driver
Revised April 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com