Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDA5251M-2 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # SDA5251M-2
Description  ICs for Consumer Electronics
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SDA5251M-2 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  SDA5251M-2 Datasheet HTML 1Page - Siemens Semiconductor Group SDA5251M-2 Datasheet HTML 2Page - Siemens Semiconductor Group SDA5251M-2 Datasheet HTML 3Page - Siemens Semiconductor Group SDA5251M-2 Datasheet HTML 4Page - Siemens Semiconductor Group SDA5251M-2 Datasheet HTML 5Page - Siemens Semiconductor Group SDA5251M-2 Datasheet HTML 6Page - Siemens Semiconductor Group SDA5251M-2 Datasheet HTML 7Page - Siemens Semiconductor Group SDA5251M-2 Datasheet HTML 8Page - Siemens Semiconductor Group SDA5251M-2 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
SDA 525X-2
Semiconductor Group
5
1998-10-08
– Conceal/reveal
– Transparent foreground/background - inside/outside of a box
– Contrast reduction inside/outside of a box
– Cursor (color changes from foreground to background color)
– Flash (flash rate 1s,
not depending on field rate)
– Programmable horizontal and vertical sync delay
– Full screen background color in outer screen
– Double size/double width/double height characters
• Synchronization:
– Display synchronization to sandcastle or Horizontal Sync (HS)
and Vertical Sync (VS)
• Microcontroller:
– 8 bit C500-CPU (8051 compatible)
– CPU-clock 18 MHz,
external 6-MHz-crystal
– 333 ns instruction cycle
– Parallel 8-bit data and 16 … 19-bit address bus (ROMless-Version)
– Eight 16-bit data pointer registers (DPTR)
– Two 16-bit timers
– Watchdog timer
– Capture compare timer for infrared remote control decoding
– 256 bytes on-chip RAM
– 8 KByte on-chip display-RAM (access via MOVX) SDA 5250-2, SDA 5254-2 to
SDA 5257-2
(optional 10 Kbyte)
– 1 Kbyte on-chip display-RAM (access via MOVX) for SDA 5251-2 to SDA 5253-2
– 1 Kbyte on-chip ACQ-buffer-RAM (access via MOVX)
– 1 Kbyte on-chip extended-RAM (access via MOVX) for SDA 5250-2 and
SDA 5254-2 to SDA 5257-2
– 6 channel 8-bit pulse width modulation unit
– 2 channel 14-bit pulse width modulation unit
– 4 multiplexed ADC inputs with 8-bit resolution
– One 8-bit I/O port with open drain output and optional I
2C-Bus emulation
– Two 8-bit multifunctional I/O ports
– One 4-bit port working as digital or analog inputs
– One 3-bit I/O port with optional RAM/ROM address expansion up to 512 Kbyte
(ROMless-Version)
• P-SDIP-52-1/P-MQFP-64-1 package for ROM-Versions (SDA 5251-2 to
SDA 5253-2, SDA 5254-2 to SDA 5257-2)
• P-MQFP-80-1 package for ROMless-Version (SDA 5250M-2)
• P-LCC-84-2 package for Emulator-Version (SDA 5250-2)
• 5 V supply voltage


Similar Part No. - SDA5251M-2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SDA5251 SIEMENS-SDA5251 Datasheet
1Mb / 143P
   TVTEXT 8-Bit Microcontroller
More results

Similar Description - SDA5251M-2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SDA9280 SIEMENS-SDA9280 Datasheet
249Kb / 43P
   ICs for Consumer Electronics
SDA9270 SIEMENS-SDA9270 Datasheet
599Kb / 33P
   ICs for Consumer Electronics
logo
Infineon Technologies A...
TDA16846 INFINEON-TDA16846 Datasheet
351Kb / 28P
   ICs for Consumer Electronics
2000-01-14
logo
Siemens Semiconductor G...
SDA5275P SIEMENS-SDA5275P Datasheet
142Kb / 30P
   ICs for Consumer Electronics MEGATEXT and MEGATEXT PLUS ICs
logo
Abracon Corporation
ASTMLP ABRACON-ASTMLP Datasheet
5Mb / 13P
   Consumer electronics
06.30.15
logo
Silicon Laboratories
EZR32HG320 SILABS-EZR32HG320 Datasheet
1Mb / 87P
   Consumer electronics
EZR32HG220 SILABS-EZR32HG220 Datasheet
1Mb / 86P
   Consumer electronics
logo
Analog Devices
ADV7613 AD-ADV7613 Datasheet
366Kb / 14P
   Integrated consumer electronics control
logo
Silicon Laboratories
SI4770-77-A20 SILABS-SI4770-77-A20 Datasheet
419Kb / 54P
   HIGH-PERFORMANCE CONSUMER ELECTRONICS
logo
Skyworks Solutions Inc.
SI4704-D50 SKYWORKS-SI4704-D50 Datasheet
385Kb / 33P
   BROADCAST FM RADIO RECEIVER FOR CONSUMER ELECTRONICS
Revision 0.2 to Revision 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com