Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74LCX162244MEA Datasheet(PDF) 6 Page - ON Semiconductor

Part No. 74LCX162244MEA
Description  Low Voltage 16-Bit Buffer/Line Driver
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LCX162244MEA Datasheet(HTML) 6 Page - ON Semiconductor

Back Button 74LCX162244MEA Datasheet HTML 2Page - ON Semiconductor 74LCX162244MEA Datasheet HTML 3Page - ON Semiconductor 74LCX162244MEA Datasheet HTML 4Page - ON Semiconductor 74LCX162244MEA Datasheet HTML 5Page - ON Semiconductor 74LCX162244MEA Datasheet HTML 6Page - ON Semiconductor 74LCX162244MEA Datasheet HTML 7Page - ON Semiconductor 74LCX162244MEA Datasheet HTML 8Page - ON Semiconductor 74LCX162244MEA Datasheet HTML 9Page - ON Semiconductor 74LCX162244MEA Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
5
www.fairchildsemi.com
DC Electrical Characteristics (Continued)
Note 6: An external driver must source at least the specified current to switch from LOW-to-HIGH.
Note 7: An external driver must sink at least the specified current to switch from HIGH-to-LOW.
AC Electrical Characteristics
Note 8: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The
specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH). Parameter guaranteed by design.
Dynamic Switching Characteristics
Capacitance
Symbol
Parameter
Conditions
VCC
TA 40qC to 85qC
Units
(V)
Min
Max
IOFF
Power-Off Leakage Current
VIN or VO 5.5V
0
10
PA
ICC
Quiescent Supply Current
VI VCC or GND
2.3
 3.6
20
PA
'ICC
Increase in ICC per Input
VIH VCC 0.6V
2.3
 3.6
500
PA
Symbol
Parameter
TA 40qC to 85qC, RL 500 :
Units
VCC 3.3V r 0.3V
VCC 2.7V
VCC 2.5V r 0.2V
CL 50 pF
CL 50 pF
CL 30 pF
Min
Max
Min
Max
Min
Max
tPHL
Propagation Delay
1.0
5.3
1.0
6.0
1.0
6.4
ns
tPLH
Data to Output
1.0
5.3
1.0
6.0
1.0
6.4
tPZL
Output Enable Time
1.0
6.3
1.0
7.1
1.0
8.2
ns
tPZH
1.0
6.3
1.0
7.1
1.0
8.2
tPLZ
Output Disable Time
1.0
5.4
1.0
5.7
1.0
6.5
ns
tPHZ
1.0
5.4
1.0
5.7
1.0
6.5
tOSHL
Output to Output Skew (Note 8)
1.0
ns
tOSLH
1.0
Symbol
Parameter
Conditions
VCC
TA 25qC
Units
(V)
Typical
VOLP
Quiet Output Dynamic Peak VOL
CL 50 pF, VIH 3.3V, VIL 0V
3.3
0.35
V
CL 30 pF, VIH 2.5V, VIL 0V
2.5
0.25
VOLV
Quiet Output Dynamic Valley VOL
CL 50 pF, VIH 3.3V, VIL 0V
3.3
0.35
V
CL 30 pF, VIH 2.5V, VIL 0V
2.5
0.25
Symbol
Parameter
Conditions
Typical
Units
CIN
Input Capacitance
VCC Open, VI 0V or VCC
7pF
COUT
Output Capacitance
VCC 3.3V, VI 0V or VCC
8pF
CPD
Power Dissipation Capacitance
VCC 3.3V, VI 0V or VCC, f 10 MHz
20
pF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn