Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74LCX162244MEA Datasheet(PDF) 4 Page - ON Semiconductor

Part No. 74LCX162244MEA
Description  Low Voltage 16-Bit Buffer/Line Driver
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LCX162244MEA Datasheet(HTML) 4 Page - ON Semiconductor

  74LCX162244MEA Datasheet HTML 1Page - ON Semiconductor 74LCX162244MEA Datasheet HTML 2Page - ON Semiconductor 74LCX162244MEA Datasheet HTML 3Page - ON Semiconductor 74LCX162244MEA Datasheet HTML 4Page - ON Semiconductor 74LCX162244MEA Datasheet HTML 5Page - ON Semiconductor 74LCX162244MEA Datasheet HTML 6Page - ON Semiconductor 74LCX162244MEA Datasheet HTML 7Page - ON Semiconductor 74LCX162244MEA Datasheet HTML 8Page - ON Semiconductor 74LCX162244MEA Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
3
www.fairchildsemi.com
Functional Description
The LCX162244 contains sixteen non-inverting buffers with
3-STATE standard outputs. The device is designed with
26
: series resistors in the outputs. This design reduces
line noise in applications such as memory address drivers,
clock drivers and bus transceiver/transmitters. The device
is nibble (4 bits) controlled with each nibble functioning
identically, but independent of the other. The control pins
can be shorted together to obtain full 16-bit operation. The
3-STATE outputs are controlled by an Output Enable (OEn)
input for each nibble. When OEn is LOW, the outputs are in
2-state mode. When OEn is HIGH, the outputs are in the
high impedance mode, but this does not interfere with
entering new data into the inputs.
Logic Diagram


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn