Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74LCX14M Datasheet(PDF) 10 Page - ON Semiconductor

Part No. 74LCX14M
Description  Low Voltage Hex Inverter with 5V Tolerant Schmitt Trigger Inputs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LCX14M Datasheet(HTML) 10 Page - ON Semiconductor

Back Button 74LCX14M Datasheet HTML 6Page - ON Semiconductor 74LCX14M Datasheet HTML 7Page - ON Semiconductor 74LCX14M Datasheet HTML 8Page - ON Semiconductor 74LCX14M Datasheet HTML 9Page - ON Semiconductor 74LCX14M Datasheet HTML 10Page - ON Semiconductor 74LCX14M Datasheet HTML 11Page - ON Semiconductor 74LCX14M Datasheet HTML 12Page - ON Semiconductor 74LCX14M Datasheet HTML 13Page - ON Semiconductor 74LCX14M Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
FRONT VIEW
TOP VIEW
ALL LEAD TIPS
NOTES:
A. CONFORMS TO JEDEC REGISTRATION MO-153,
VARIATION AB, REF NOTE 6
B. DIMENSIONS ARE IN MILLIMETERS.
C. DIMENSIONS ARE EXCLUSIVE OF BURRS,
MOLD FLASH, AND TIE BAR EXTRUSIONS
D. DIMENSIONING AND TOLERANCES PER ANSI
Y14.5M, 2009.
E. LANDPATTERN STANDARD: SOP65P640X110-14M.
F. DRAWING FILE NAME: MKT-MTC14rev7.
0.43TYP
0.2 C B A
8
1
7
14
A
B
3.2
6.4
PIN#1 IDENT
1.2 MAX
0.1 C
ALL LEAD TIPS
C
0.65
0.30
0.19
0.13
A B
C
0.90
+0.15
-0.10
0.20
0.09
SEE DETAIL A
GAGE PLANE
0.25
SEATING PLANE
0.09 MIN
0.09 MIN
1.00
DETAIL A
RECOMMENDED LAND PATTERN
6.10
0.65
1.65
0.45


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn