Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74LCX14M Datasheet(PDF) 5 Page - ON Semiconductor

Part No. 74LCX14M
Description  Low Voltage Hex Inverter with 5V Tolerant Schmitt Trigger Inputs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LCX14M Datasheet(HTML) 5 Page - ON Semiconductor

  74LCX14M Datasheet HTML 1Page - ON Semiconductor 74LCX14M Datasheet HTML 2Page - ON Semiconductor 74LCX14M Datasheet HTML 3Page - ON Semiconductor 74LCX14M Datasheet HTML 4Page - ON Semiconductor 74LCX14M Datasheet HTML 5Page - ON Semiconductor 74LCX14M Datasheet HTML 6Page - ON Semiconductor 74LCX14M Datasheet HTML 7Page - ON Semiconductor 74LCX14M Datasheet HTML 8Page - ON Semiconductor 74LCX14M Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
©1995 Fairchild Semiconductor Corporation
www.fairchildsemi.com
DC Electrical Characteristics
AC Electrical Characteristics
Note:
4. Skew is defined as the absolute value of the difference between the actual propagation delay for any two
separate outputs of the same device. The specification applies to any outputs switching in the same direction,
either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH).
Symbol
Parameter
VCC (V)
Conditions
TA = –40°C to +85°C
Units
Min.
Max.
Vt+
Positive Input Threshold
2.5
0.9
1.7
V
3.0
1.2
2.2
Vt–
Negative Input Threshold
2.5
0.4
1.1
V
3.0
0.6
1.5
VH
Hysteresis
2.5
0.3
1.0
V
3.0
0.4
1.2
VOH
HIGH Level Output Voltage
2.3–3.6
IOH = –100µA
VCC – 0.2
V
2.3
IOH = -8mA
1.8
2.7
IOH = –12mA
2.2
3.0
IOH = –18mA
2.4
3.0
IOH = –24mA
2.2
VOL
LOW Level Output Voltage
2.3–3.6
IOL = 100µA
0.2
V
2.3
IOL = 8mA
0.6
2.7
IOL = 12mA
0.4
3.0
IOL = 16mA
0.4
3.0
IOL = 24mA
0.55
II
Input Leakage Current
2.3–3.6
0 ≤ VI ≤ 5.5V
±5.0
µA
IOFF
Power-Off Leakage Current
0
VI or VO = 5.5V
10
µA
ICC
Quiescent Supply Current
2.3–3.6
VI = VCC or GND
10
µA
3.6V ≤ VI ≤ 5.5V
±10
∆ICC
Increase in ICC per Input
2.3–3.6
VIH = VCC – 0.6V
500
µA
Symbol
Parameter
TA = –40°C to +85°C, RL = 500Ω
Units
VCC = 3.3V ± 0.3V,
CL = 50pF
VCC = 2.7V,
CL = 50pF
VCC = 2.5V ± 0.2V,
CL = 30pF
Min.
Max.
Min.
Max.
Min.
Max.
tPHL, tPLH
Propagation Delay
1.5
6.5
1.5
7.5
1.5
7.8
ns
tOSHL, tOSLH Output to Output Skew
(4)
1.0
ns
74LCX14 Rev. 1.7.1
4


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn