Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE976 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE976
Description  Integrated Circuit Operational Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE976 Datasheet(HTML) 2 Page - NTE Electronics

  NTE976 Datasheet HTML 1Page - NTE Electronics NTE976 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics: (0
° ≤ TA ≤ +70°C, ±5V ≤ VS ≤ ±15V unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input Offset Voltage
VIO
TA = +25°C, RS ≤ 50kΩ
2.0
7.5
mV
RS ≤ 50kΩ
10
mV
Input Offset Current
IIO
TA = +25°C
3.0
50
nA
70
nA
Input Bias Current
IIB
TA = +25°C
70
250
nA
300
nA
Input Resistance
ri
TA = +25°C
0.5
2.0
M
Supply Current
ID
TA = +25°C, VS = ±15V
1.8
3.0
mA
Large Signal Voltage Gain
Av
TA = +25°C, VS = ±15V,
VOUT = ±10V, RL ≥ 2kΩ
25
160
V/mV
VS = ±15V, VOUT = ±10V,
RL ≥ 2kΩ
15
V/mV
Average Temperature Coefficient
of Input Offset Voltage
TCVIO
6.0
30
µV/°C
Average Temperature Coefficient
TCIIO
+25
°C ≤ TA ≤ +70°C
0.01
0.3
nA/
°C
of Input Offset Current
0
°C ≤ TA ≤ +25°C
0.02
0.6
nA/
°C
Output Voltage Swing
VO
VS = ±15V, RL = 10kΩ
±12 ±14
V
VS = ±15V, RL = 2kΩ
±10 ±13
V
Input Voltage Range
VICR
VS = ±15V
±12 +15
–13
V
Common Mode Rejection Ratio
CMRR
RS ≤ 50kΩ
70
90
dB
Supply Voltage Rejection Ratio
PSRR
RS ≤ 50kΩ
70
96
dB
Pin Connection Diagram
N.C.
V (–)
V (+)
Output
Inverting Input
1
2
3
4
N.C.
Non–Inverting
8
7
6
5
N.C.
Input
85
.256 (6.52) Max
.393 (10.0)
Max
14
.300 (7.62)
.300 (7.62)
.150
(3.81)
.070 (1.77) Min
.100 (2.54)


Similar Part No. - NTE976

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE97 NTE-NTE97 Datasheet
28Kb / 3P
   Silicon NPN Transistor HV Darlington Power Amp, Switch
NTE970 NTE-NTE970 Datasheet
25Kb / 2P
   Linear Integrated Circuit 3-Terminal Adjustable Positive Voltage Regulator 1.2V to 33V, 3A
NTE971 NTE-NTE971 Datasheet
23Kb / 2P
   Linear Integrated Circuit Voltage Regulator, Negative, -24V, 1A
NTE972 NTE-NTE972 Datasheet
24Kb / 2P
   Integrated Circuit 3-Terminal Positive Voltage Regulator, 24V
NTE973 NTE-NTE973 Datasheet
27Kb / 4P
   Integrated Circuit Double Balanced Modulator/Demodulator
More results

Similar Description - NTE976

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1171 NTE-NTE1171 Datasheet
26Kb / 3P
   Integrated Circuit Operational Amplifier
NTE941 NTE-NTE941 Datasheet
25Kb / 3P
   Integrated Circuit Operational Amplifier
NTE941D NTE-NTE941D Datasheet
23Kb / 3P
   Integrated Circuit Operational Amplifier
NTE941M NTE-NTE941M Datasheet
30Kb / 3P
   Integrated Circuit Operational Amplifier
NTE903 NTE-NTE903 Datasheet
25Kb / 2P
   Integrated Circuit Operational Amplifier
NTE941S NTE-NTE941S Datasheet
23Kb / 3P
   Integrated Circuit Operational Amplifier
NTE975 NTE-NTE975 Datasheet
26Kb / 4P
   Integrated Circuit Operational Amplifier
NTE997 NTE-NTE997 Datasheet
24Kb / 3P
   Integrated Circuit Quad Operational Amplifier
NTE778A NTE-NTE778A Datasheet
27Kb / 3P
   Integrated Circuit Dual Operational Amplifier
NTE902 NTE-NTE902 Datasheet
25Kb / 3P
   Integrated Circuit Operational Transconductance Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com