Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM200RSE060 Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # PM200RSE060
Description  General purpose inverter, servo drives and other motor controls
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM200RSE060 Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  PM200RSE060 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PM200RSE060 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PM200RSE060 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PM200RSE060 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PM200RSE060 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PM200RSE060 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MITSUBISHI <INTELLIGENT POWER MODULES>
PM200RSE060
FLAT-BASE TYPE
INSULATED PACKAGE
Sep. 2001
PRECAUTIONS FOR TESTING
1. Before appling any control supply voltage (VD), the input terminals should be pulled up by resistores, etc. to their corre-
sponding supply voltage and each input signal should be kept off state.
After this, the specified ON and OFF level setting for each input signal should be done.
2. When performing “OC” and “SC” tests, the turn-off surge voltage spike at the corresponding protection operation should not
be allowed to rise above VCES rating of the device.
(These test should not be done by using a curve tracer or its equivalent.)
10%
90%
trr
Irr
tr
td (on)
tc (on)
tc (off)
td (off)
VCIN
Ic
VCE
10%
10%
10%
90%
tf
(ton= td (on) + tr)
(toff= td (off) + tf)
VD (all)
U,V,W, (N)
P, (U,V,W,B)
A
Pulse
VCE
VCIN
(15V)
VD (all)
U,V,W, (N)
P, (U,V,W,B)
VCIN
VCC
IC
IC
IC
OC
SC
VCIN
toff (OC)
U,V,W
N
VCINN
VCINP
VD
VD
P
Ic
Vcc
VCINN
0V
0V
VCINP
t
t
P, (U,V,W,B)
U,V,W, (N)
U,V,W,B, (N)
VD (all)
IN
(Fo)
Fo
IN
(Fo)
VD (all)
VCIN
(0V)
Ic
V
V
P, (U,V,W)
VCIN
(15V)
Ic
P
N
N
CS
CS
U,V,W
Vcc
Vcc
Ic
Ic
VD (all)
VD (all)
P
U,V,W
VCIN
VCIN
VCIN
(15V)
VCIN
(15V)
Fo
IN
IN
(Fo)
(Fo)
Short Circuit Current
Over Current
Constant Current
Constant Current
Fig. 3 Switching time Test circuit and waveform
Fig. 1 VCE(sat) Test
Fig. 2 VEC, (VFM) Test
a) Lower Arm Switching
Signal input
(Upper Arm)
Signal input
(Lower Arm)
Signal input
(Upper Arm)
Signal input
(Lower Arm)
b) Upper Arm Switching
Fig. 4 ICES Test
Fig. 5 OC and SC Test
Fig. 6 OC and SC Test waveform
tdead
tdead
tdead
Fig. 7 Dead time measurement point example


Similar Part No. - PM200RSE060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM200RSE060 MITSUBISHI-PM200RSE060_05 Datasheet
137Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
More results

Similar Description - PM200RSE060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM300RSE060 MITSUBISHI-PM300RSE060 Datasheet
127Kb / 6P
   General purpose inverter, servo drives and other motor controls
PM150CSE060 MITSUBISHI-PM150CSE060 Datasheet
135Kb / 6P
   General purpose inverter, servo drives and other motor controls
PM100RLA060 MITSUBISHI-PM100RLA060 Datasheet
101Kb / 6P
   General purpose inverter,servo drives and other otor controls
logo
Microchip Technology
LR8 MICROCHIP-LR8 Datasheet
452Kb / 16P
   Motor controls
01/27/15
logo
Infineon Technologies A...
FF225R12ME4P INFINEON-FF225R12ME4P Datasheet
588Kb / 9P
   Motor drives
V3.0 2017-04-04
logo
Fairchild Semiconductor
FDH210N08 FAIRCHILD-FDH210N08 Datasheet
767Kb / 8P
   Motor Drives and Uninterruptible Power Supplies
logo
Vincotech
V23990-K429-A50-P3-14 VINCOTECH-V23990-K429-A50-P3-14 Datasheet
452Kb / 23P
   Industrial Motor Drives
logo
International Rectifier
IRG8CH97K10F IRF-IRG8CH97K10F Datasheet
209Kb / 4P
   Industrial Motor Drives
IRG8CH37K10F IRF-IRG8CH37K10F Datasheet
201Kb / 4P
   Industrial Motor Drives
logo
Vincotech
V23990-K420-A50-P3-14 VINCOTECH-V23990-K420-A50-P3-14 Datasheet
455Kb / 23P
   Industrial Motor Drives
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com