Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6C41204LI Datasheet(PDF) 10 Page - Pericom Semiconductor Corporation

Part # PI6C41204LI
Description  LVCMOS to LVPECL Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C41204LI Datasheet(HTML) 10 Page - Pericom Semiconductor Corporation

Back Button PI6C41204LI Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C41204LI Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C41204LI Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C41204LI Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C41204LI Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C41204LI Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C41204LI Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C41204LI Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6C41204LI Datasheet HTML 11Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PS8626D
05/11/05
PI6C4120x
LVCMOS to LVPECL Driver
0.193
0.201
0.047
0.002
0.006
SEATING
PLANE
0.0256
typical
0.018
0.030
0.004
0.008
0.240
0.264
1
14
0.169
0.177
0.05
0.15
6.1
6.7
0.45
0.75
0.09
0.20
4.3
4.5
1.20
max.
4.90
5.10
0.65
0.19
0.30
0.007
0.012
Packaging Mechanical: 14-Pin TSSOP (L)


Similar Part No. - PI6C41204LI

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C410 PERICOM-PI6C410 Datasheet
711Kb / 16P
   Clock Generator for Intel PCI-Express Desktop Chipset
PI6C410A PERICOM-PI6C410A Datasheet
711Kb / 16P
   Clock Generator for Intel PCI-Express Desktop Chipset
PI6C410B PERICOM-PI6C410B Datasheet
570Kb / 15P
   Clock Generator for Intel PCI-Express Server Chipset
PI6C410BAE PERICOM-PI6C410BAE Datasheet
570Kb / 15P
   Clock Generator for Intel PCI-Express Server Chipset
PI6C410BVE PERICOM-PI6C410BVE Datasheet
570Kb / 15P
   Clock Generator for Intel PCI-Express Server Chipset
More results

Similar Description - PI6C41204LI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS843001I-23 IDT-ICS843001I-23 Datasheet
1Mb / 24P
   FemtoClock짰 Crystal/LVCMOS-to-LVPECL/ LVCMOS Frequency Synthesizer
logo
Maxim Integrated Produc...
MAX9324 MAXIM-MAX9324 Datasheet
274Kb / 12P
   One-to-Five LVPECL/LVCMOS Output Clock and Data Driver
19-2576; Rev 0; 10/02
MAX9323 MAXIM-MAX9323 Datasheet
272Kb / 11P
   One-to-Four LVCMOS-to-LVPECL Output Clock and Data Driver
19-2575; Rev 0; 10/02
logo
ON Semiconductor
MC100EPT22 ONSEMI-MC100EPT22_06 Datasheet
135Kb / 8P
   3.3V Dual LVTTL/LVCMOS to Differential LVPECL to Differential LVPECL
December, 2006 ??Rev. 11
MC100EPT622 ONSEMI-MC100EPT622_11 Datasheet
137Kb / 8P
   3.3V LVTTL/LVCMOS to LVPECL Translator
May, 2011 ??Rev. 6
logo
Micrel Semiconductor
SY89322V MICREL-SY89322V Datasheet
44Kb / 5P
   LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
logo
ON Semiconductor
MC100EPT622 ONSEMI-MC100EPT622 Datasheet
73Kb / 8P
   3.3V LVTTL/LVCMOS to LVPECL Translator
December, 2002 - Rev. 2
logo
Integrated Circuit Syst...
ICS87946-01 ICST-ICS87946-01 Datasheet
159Kb / 13P
   LVPECL-TO-LVCMOS/LVTTL CLOCK GENERATOR
logo
ON Semiconductor
MC100EPT622 ONSEMI-MC100EPT622_06 Datasheet
129Kb / 7P
   3.3V LVTTL/LVCMOS to LVPECL Translator
November, 2006 ??Rev. 4
MC10EPT20 ONSEMI-MC10EPT20_16 Datasheet
168Kb / 10P
   LVTTL/LVCMOS to Differential LVPECL Translator
August, 2016 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com