Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI74ALVTC16244 Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI74ALVTC16244
Description  1.8/2.5/3.3V 16-Bit Buffer/Driver with 3-State Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74ALVTC16244 Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI74ALVTC16244 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74ALVTC16244 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74ALVTC16244 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74ALVTC16244 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74ALVTC16244 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74ALVTC16244 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74ALVTC16244 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74ALVTC16244 Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
PS8159D
11/23/98
PI74ALVTC16244
16-Bit Buffer Driver With 3-State Outputs
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Electrical Characteristics over Recommended Operating Free-Air Temperature Range
(unless otherwise noted)
DC Characteristics (2.7V<VDD
≤≤≤≤≤3.6V)
Notes
1. Duration of test must not exceed 1 second with only 1 output tested at a time.
r
e
t
e
m
a
r
a
Ps
n
o
it
i
d
n
o
CV D
D
.
n
i
M.
p
y
T.
x
a
Ms
ti
n
U
V H
I
e
g
a
tl
o
V
t
u
p
n
I
l
e
v
e
L
H
G
I
H
6
.
3
-
7
.
2
0
.
2
V
V LI
e
g
a
tl
o
V
t
u
p
n
I
l
e
v
e
L
W
O
L
8
.
0
V H
O
e
g
a
tl
o
V
t
u
p
t
u
O
l
e
v
e
L
H
G
I
H
I H
O = −
0
0
1 µAV D
D
2
.
0
-
I H
O = −
A
m
2
17
.
22
.
2
I H
O = −
A
m
8
1
0
.
3
4
.
2
I H
O = −
A
m
4
22
.
2
I H
O = −
A
m
2
30
.
2
V L
O
e
g
a
tl
o
V
t
u
p
t
u
O
l
e
v
e
L
W
O
L
I L
O =0
0
1 µA6
.
3
-
7
.
22
.
0
I L
O =2
1A
m7
.
24
.
0
I L
O =8
1A
m
0
.
3
4
.
0
I L
O =4
2A
m5
4
.
0
I L
O =2
3A
m5
.
0
I L
O =4
6A
m5
5
.
0
II
t
n
e
rr
u
C
e
g
a
k
a
e
L
t
u
p
n
IVI V
=
D
D
D
N
G
r
o
,6
.
30
.
5
±
µA
I Z
O
e
g
a
k
a
e
L
t
u
p
t
u
O
E
T
A
T
S
-
3VO
V
6
.
3
=7
.
20
1
±
I F
F
O
e
g
a
k
a
e
L
F
F
O
-r
e
w
o
P
t
n
e
rr
u
C
VI
V
r
o O
V
6
.
30
0
1
I L
D
O
w
o
L
t
n
e
rr
u
C
t
u
p
t
u
OVIN = VIH V
r
o IL,V
5
.
1
=
o
V
)
1
(
6
.
3
0
5
14
3
3
A
m
I H
D
O
h
g
i
H
t
n
e
rr
u
C
t
u
p
t
u
OVIN = VIH V
r
o IL,V
5
.
1
=
o
V
)
1
(
8
5
-4
1
1
-
I
D
L
O
H
t
n
e
rr
u
C
d
l
o
H
s
u
B
st
u
p
t
u
O
B
r
o
A
VI
V
8
.
0
=
0
.
3
5
7
µA
VI
V
0
.
2
=5
7
-
VI
V
6
.
3
o
t
0
=6
.
30
0
5
±
I D
D
t
n
e
rr
u
C
y
l
p
p
u
S
t
n
e
c
s
ei
u
Q
VI V
=
D
D
D
N
G
r
o
6
.
3
-
7
.
2
0
5
V D
D ≤ V
( I V
, O) ≤
V
6
.
30
5
±
∆I D
D
I
n
i
e
s
a
e
r
c
n
I
D
D
t
u
p
n
i
r
e
p
V H
I
V
=
D
D
,
V
6
.
0
-
V
t
a
st
u
p
n
i
r
e
h
t
O
D
D
d
n
G
r
o
0
0
4


Similar Part No. - PI74ALVTC16244

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74ALVTC16240 PERICOM-PI74ALVTC16240 Datasheet
345Kb / 8P
   16-Bit Buffer/Driver with 3-State Outputs
PI74ALVTC16241 PERICOM-PI74ALVTC16241 Datasheet
335Kb / 8P
   16-Bit Buffer/Driver with 3-State Outputs
PI74ALVTC16245 PERICOM-PI74ALVTC16245 Datasheet
213Kb / 10P
   16-Bit BiDirectional Transceiver with 3-State Outputs
PI74ALVTC16245A PERICOM-PI74ALVTC16245A Datasheet
213Kb / 10P
   16-Bit BiDirectional Transceiver with 3-State Outputs
PI74ALVTC16245AE PERICOM-PI74ALVTC16245AE Datasheet
213Kb / 10P
   16-Bit BiDirectional Transceiver with 3-State Outputs
More results

Similar Description - PI74ALVTC16244

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74ALVC162244 IDT-IDT74ALVC162244 Datasheet
71Kb / 6P
   3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
IDT74ALVC16244A IDT-IDT74ALVC16244A Datasheet
69Kb / 6P
   3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74LVTCH16244 PERICOM-PI74LVTCH16244 Datasheet
315Kb / 7P
   3.3V 16-Bit Buffer/Line Driver with 3-State Outputs
logo
Renesas Technology Corp
IDT74ALVC16244A RENESAS-IDT74ALVC16244A Datasheet
282Kb / 7P
   3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
JUNE 2016
logo
Pericom Semiconductor C...
PI74LVTC16244 PERICOM-PI74LVTC16244 Datasheet
165Kb / 8P
   3.3V 16-Bit Buffer/Line Driver with 3-State Outputs
logo
Renesas Technology Corp
IDT74ALVC162244 RENESAS-IDT74ALVC162244 Datasheet
263Kb / 7P
   3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
JUNE 2009
logo
Integrated Device Techn...
IDT74ALVC162244 IDT-IDT74ALVC162244_09 Datasheet
91Kb / 6P
   3.3V CMOS 16-BIT BUFFER/DRIVER 3-STATE OUTPUTS
logo
Texas Instruments
SN74AUC16240 TI-SN74AUC16240 Datasheet
307Kb / 6P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162244 TI-SN74ALVCH162244 Datasheet
123Kb / 9P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16244 TI-SN74ALVCH16244 Datasheet
138Kb / 9P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com