Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTL2H3FX1K Datasheet(PDF) 3 Page - Lite-On Technology Corporation

Part No. LTL2H3FX1K
Description  Lead (Pb) free product RoHS compliant
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LITEON [Lite-On Technology Corporation]
Homepage  http://www.liteon.com.tw/databook/default.htm
Logo 

LTL2H3FX1K Datasheet(HTML) 3 Page - Lite-On Technology Corporation

 
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
LITE-ON TECHNOLOGY CORPORATION
P r o p e r t y o f L i t e - O n O n l y
Electrical / Optical Characteristics at TA=25°C
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Luminous Intensity
IV
4200
mcd
IF = 20mA
Note 1,5
Viewing Angle
1/2
15
deg
Note 2 (Fig.6)
Peak Emission Wavelength
λP
611
nm
Measurement
@Peak (Fig.1)
Dominant Wavelength
λd
605
nm
IF = 20mA
Note 4
Spectral Line Half-Width
∆λ
17
nm
Forward Voltage
VF
2.0
2.4
V
IF = 20mA
Reverse Current
IR
100
µA
VR = 5V, Note 6
NOTE: 1. Luminous intensity is measured with a light sensor and filter combination that approximates the CIE
eye-response curve.
2. θ1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity.
3. Iv classification code is marked on each packing bag.
4. The dominant wavelength, λd is derived from the CIE chromaticity diagram and represents the
single wavelength which defines the color of the device.
5. The Iv guarantee should be added ±15% tolerance
6. Reverse voltage (VR) condition is applied for IR test only. The device is not designed reverse operation.
Part No. : LTL2H3FX1K
Page :
3
of
10
BNS-OD-C131/A4


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn