Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTL2H3FX1K Datasheet(PDF) 6 Page - Lite-On Technology Corporation

Part No. LTL2H3FX1K
Description  Lead (Pb) free product RoHS compliant
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LITEON [Lite-On Technology Corporation]
Homepage  http://www.liteon.com.tw/databook/default.htm
Logo 

LTL2H3FX1K Datasheet(HTML) 6 Page - Lite-On Technology Corporation

 
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
LITE-ON TECHNOLOGY CORPORATION
P r o p e r t y o f L i t e - O n O n l y
Optical/Electrical Bin Table
Iv Spec. Table Specification.
Luminous Intensity Iv(mcd)
IF@20mA
Bin Code
Min.
Max.
VW
4200
7200
XY
7200
12000
Z5A
12000
21000
Luminous Intensity Measurement allowance is ±15%
Hue Spec. Table Specification.
Dominant Wavelength
Unit : nm @20mA
Bin Code
Min.
Max.
H22
598.0
600.0
H23
600.0
603.0
H24
603.0
606.5
H25
606.5
610.0
H26
610.0
613.5
Note: Tolerance of each bin limit is ±1nm
Vf Spec. Table Specification.
Forward Voltage Vf (Volts)
IF@20mA
Bin Code
Min.
Max.
1
1.8
2.0
2
2.0
2.2
3
2.2
2.4
Note: Tolerance of each bin limit is ±0.1V
Part No. : LTL2H3FX1K
Page :
6
of
10
BNS-OD-C131/A4


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn