Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHP45NQ15T Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PHP45NQ15T
Description  N-channel TrenchMOS standard level FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHP45NQ15T Datasheet(HTML) 2 Page - NXP Semiconductors

  PHP45NQ15T Datasheet HTML 1Page - NXP Semiconductors PHP45NQ15T Datasheet HTML 2Page - NXP Semiconductors PHP45NQ15T Datasheet HTML 3Page - NXP Semiconductors PHP45NQ15T Datasheet HTML 4Page - NXP Semiconductors PHP45NQ15T Datasheet HTML 5Page - NXP Semiconductors PHP45NQ15T Datasheet HTML 6Page - NXP Semiconductors PHP45NQ15T Datasheet HTML 7Page - NXP Semiconductors PHP45NQ15T Datasheet HTML 8Page - NXP Semiconductors PHP45NQ15T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
9397 750 14012
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 — 8 November 2004
2 of 13
Philips Semiconductors
PHP/PHB45NQ15T
N-channel TrenchMOS™ standard level FET
3.
Ordering information
4.
Limiting values
Table 2:
Ordering information
Type number
Package
Name
Description
Version
PHP45NQ15T
TO-220AB
Plastic single-ended package; heatsink mounted; 1 mounting hole; 3 lead
TO-220AB
SOT78
PHB45NQ15T
D2-PAK
Plastic single-ended surface mounted package (D2-PAK); 3 leads (one lead
cropped)
SOT404
Table 3:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage (DC)
25
°C ≤ Tj ≤ 175 °C
-
150
V
VDGR
drain-gate voltage (DC)
25
°C ≤ Tj ≤ 175 °C; RGS =20kΩ
-
150
V
VGS
gate-source voltage (DC)
-
±20
V
ID
drain current (DC)
Tmb =25 °C; VGS =10V; Figure 2 and 3
-
45.1
A
Tmb = 100 °C; VGS =10V; Figure 2
-
31.9
A
IDM
peak drain current
Tmb =25 °C; pulsed; tp ≤ 10 µs; Figure 3
-
90.2
A
Ptot
total power dissipation
Tmb =25 °C; Figure 1
-
230
W
Tstg
storage temperature
−55
+175
°C
Tj
junction temperature
−55
+175
°C
Source-drain diode
IS
source (diode forward) current (DC)
Tmb =25 °C
-
45.1
A
ISM
peak source (diode forward) current Tmb =25 °C; pulsed; tp ≤ 10 µs
-
90.2
A
Avalanche ruggedness
EDS(AL)S non-repetitive drain-source
avalanche energy
unclamped inductive load; ID = 19.1 A;
tp = 0.1 ms; VDD ≤ 150 V; RGS =50 Ω;
VGS = 10 V; starting at Tj =25 °C
-
180
mJ


Similar Part No. - PHP45NQ15T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP45NQ10T PHILIPS-PHP45NQ10T Datasheet
108Kb / 11P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
logo
Nexperia B.V. All right...
PHP45NQ10T NEXPERIA-PHP45NQ10T Datasheet
864Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 02 - 8 July 2010
logo
NXP Semiconductors
PHP45NQ11T NXP-PHP45NQ11T Datasheet
379Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 02-19 November 2009
logo
Nexperia B.V. All right...
PHP45NQ11T NEXPERIA-PHP45NQ11T Datasheet
855Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 02 - 19 November 2009
More results

Similar Description - PHP45NQ15T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7675-55A PHILIPS-BUK7675-55A_15 Datasheet
272Kb / 12P
   N-channel TrenchMOS standard level FETN-channel TrenchMOS standard level FET
25 August 2014
PHP34NQ11T PHILIPS-PHP34NQ11T Datasheet
91Kb / 12P
   N-channel TrenchMOS??standard level FET
Rev. 01-17 May 2004
BUK7C06-40AITE PHILIPS-BUK7C06-40AITE Datasheet
109Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 04-23 June 2005
PH20100S NXP-PH20100S Datasheet
183Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-2 February 2009
PHB29N08T NXP-PHB29N08T Datasheet
189Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-13 October 2009
PHB47NQ10T NXP-PHB47NQ10T Datasheet
205Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHB119NQ06T NXP-PHB119NQ06T Datasheet
191Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-15 April 2010
PHD20N06T NXP-PHD20N06T Datasheet
379Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 02-1 December 2009
PMZ350XN NXP-PMZ350XN Datasheet
91Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 01-21 February 2008
PHP23NQ11T NXP-PHP23NQ11T Datasheet
220Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHP3055E NXP-PHP3055E Datasheet
248Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 07-26 February 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com