Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P89LPC916 Datasheet(PDF) 57 Page - NXP Semiconductors

Part # P89LPC916
Description  8-bit microcontrollers with accelerated two-clock 80C51 core 2 kB 3 V Flash with 8-bit A/D converter
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC916 Datasheet(HTML) 57 Page - NXP Semiconductors

Back Button P89LPC916 Datasheet HTML 53Page - NXP Semiconductors P89LPC916 Datasheet HTML 54Page - NXP Semiconductors P89LPC916 Datasheet HTML 55Page - NXP Semiconductors P89LPC916 Datasheet HTML 56Page - NXP Semiconductors P89LPC916 Datasheet HTML 57Page - NXP Semiconductors P89LPC916 Datasheet HTML 58Page - NXP Semiconductors P89LPC916 Datasheet HTML 59Page - NXP Semiconductors P89LPC916 Datasheet HTML 60Page - NXP Semiconductors P89LPC916 Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 72 page
background image
Philips Semiconductors
P89LPC915/916/917
8-bit microcontrollers with accelerated two-clock 80C51 core
Product data
Rev. 04 — 17 December 2004
57 of 72
9397 750 14397
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
11. Static characteristics
Table 13:
DC electrical characteristics
VDD = 2.4 V to 3.6 V unless otherwise specified.
Tamb = −40 °Cto+85 °C for industrial, −40 °C to +125 °C extended, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
IDD(oper)
power supply current,
operating
3.6 V; 12 MHz
[2] -
7
13
mA
3.6 V; 18 MHz
[2] -11
16
mA
IDD(idle)
power supply current, Idle
mode
3.6 V; 12 MHz
[2] -
3.6
4.8
mA
3.6 V; 18 MHz
[2] -4
6
mA
IDD(PD)
power supply current,
Power-down mode, voltage
comparators powered-down
3.6 V, industrial
[2] -45
70
µA
3.6 V, extended
[2] -
-
150
µA
IDD(TPD)
power supply current, total
Power-down mode
3.6 V, industrial
[2] -
< 0.1
5
µA
3.6 V, extended
[2] --
50
µA
(dVDD/dt)r VDD rise rate
-
-
2
mV/
µs
(dVDD/dt)f VDD fall rate
-
-
50
mV/
µs
VRAM
RAM keep-alive voltage
1.5
-
-
V
Vth(HL)
negative-going threshold
voltage (Schmitt trigger input)
0.22VDD
0.4VDD
-V
Vth(LH)
positive-going threshold
voltage (Schmitt trigger input)
-
0.6VDD
0.7VDD
V
Vhys
hysteresis voltage
-
0.2VDD
-V
VOL
low-level output voltage,
all ports
IOL = 20 mA
-
0.6
1.0
V
IOL = 10 mA
-
0.3
0.5
V
IOL = 3.2 mA
-
0.2
0.3
V
VOH
high-level output voltage,
all ports
IOH = −8 mA;
push-pull mode
VDD − 1-
-
V
IOH = −3.2 mA;
push-pull mode
VDD − 0.7
VDD − 0.4
-
V
IOH = −20 µA;
quasi-bidirectional mode
VDD − 0.3
VDD − 0.2
-
V
Cig
input-ground capacitance
[3] -
-
15
pF
IIL
logical 0 input current,
all ports
VIN = 0.4 V
[4] --
−80
µA
ILI
input leakage current, all ports VIN =VIL or VIH
[5] --
± 10
µA
ITL
logical 1-to-0 transition
current, all ports
VIN = 2.0 V at
VDD = 3.6 V
[6][7]
−30
-
−450
µA
RRST
internal reset pull-up resistor
10
-
30
k
VBO
brownout trip voltage with
BOV = 1, BOPD = 0
2.4 V < VDD < 3.6 V
2.40
-
2.70
V


Similar Part No. - P89LPC916

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89LPC916 NXP-P89LPC916 Datasheet
379Kb / 75P
   8-bit microcontrollers with accelerated two-clock 80C51 core 2 kB 3 V flash with 8-bit A/D converter
Rev. 05-15 December 2009
P89LPC9161 NXP-P89LPC9161 Datasheet
1Mb / 91P
   8-bit microcontroller with accelerated two-clock 80C51 core, 2 kB 3 V byte-erasable flash with 8-bit ADC
Rev. 02-9 February 2010
P89LPC9161FDH NXP-P89LPC9161FDH Datasheet
1Mb / 91P
   8-bit microcontroller with accelerated two-clock 80C51 core, 2 kB 3 V byte-erasable flash with 8-bit ADC
Rev. 02-9 February 2010
P89LPC916FDH NXP-P89LPC916FDH Datasheet
379Kb / 75P
   8-bit microcontrollers with accelerated two-clock 80C51 core 2 kB 3 V flash with 8-bit A/D converter
Rev. 05-15 December 2009
More results

Similar Description - P89LPC916

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89LPC915 NXP-P89LPC915 Datasheet
379Kb / 75P
   8-bit microcontrollers with accelerated two-clock 80C51 core 2 kB 3 V flash with 8-bit A/D converter
Rev. 05-15 December 2009
P89LPC925FDH PHILIPS-P89LPC925FDH Datasheet
233Kb / 49P
   8-bit microcontrollers with accelerated two-clock 80C51 core 4 kB/8 kB 3 V low-power Flash with 8-bit A/D converter
Rev. 03-15 December 2004
P89LPC924_925 PHILIPS-P89LPC924_925 Datasheet
243Kb / 49P
   8-bit microcontrollers with accelerated two-clock 80C51 core 4 kB/8 kB 3 V low-power Flash with 8-bit A/D converter
Rev. 03-15 December 2004
P89LPC904 PHILIPS-P89LPC904 Datasheet
190Kb / 41P
   8-bit microcontrollers with two-clock accelerated 80C51 core 1 kB 3 V byte-erasable Flash with 8-bit A/D converter
Rev. 02-25 June 2004
P89LPC9107 PHILIPS-P89LPC9107 Datasheet
257Kb / 58P
   8-bit microcontrollers with two-clock accelerated 80C51 core 1 kB 3 V byte-erasable Flash with 8-bit A/D converter
Rev. 02-11 April 2005
P89LPC9102 NXP-P89LPC9102 Datasheet
291Kb / 61P
   8-bit microcontrollers with two-clock accelerated 80C51 core 1 kB 3 V byte-erasable flash with 8-bit A/D converter
Rev. 03-10 July 2007
P89LPC938 PHILIPS-P89LPC938 Datasheet
318Kb / 68P
   8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable Flash with 10-bit A/D converter
Rev. 01-25 February 2005
P89LPC9201 NXP-P89LPC9201 Datasheet
335Kb / 74P
   8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB 3 V byte-erasable flash with 8-bit ADC
Rev. 01-16 April 2009
P89LPC9151 NXP-P89LPC9151 Datasheet
1Mb / 91P
   8-bit microcontroller with accelerated two-clock 80C51 core, 2 kB 3 V byte-erasable flash with 8-bit ADC
Rev. 02-9 February 2010
P89LPC933 PHILIPS-P89LPC933 Datasheet
337Kb / 71P
   8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB 3 V byte-erasable Flash with 8-bit A/D converters
Rev. 06-20 June 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com