Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P89LPC916 Datasheet(PDF) 34 Page - NXP Semiconductors

Part # P89LPC916
Description  8-bit microcontrollers with accelerated two-clock 80C51 core 2 kB 3 V Flash with 8-bit A/D converter
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC916 Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button P89LPC916 Datasheet HTML 30Page - NXP Semiconductors P89LPC916 Datasheet HTML 31Page - NXP Semiconductors P89LPC916 Datasheet HTML 32Page - NXP Semiconductors P89LPC916 Datasheet HTML 33Page - NXP Semiconductors P89LPC916 Datasheet HTML 34Page - NXP Semiconductors P89LPC916 Datasheet HTML 35Page - NXP Semiconductors P89LPC916 Datasheet HTML 36Page - NXP Semiconductors P89LPC916 Datasheet HTML 37Page - NXP Semiconductors P89LPC916 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 72 page
background image
Philips Semiconductors
P89LPC915/916/917
8-bit microcontrollers with accelerated two-clock 80C51 core
Product data
Rev. 04 — 17 December 2004
34 of 72
9397 750 14397
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
channels have been converted. The process will repeat starting with the first selected
channel. Additional conversion results will again cycle through the four result
registers, overwriting the previous results. Continous conversions continue until
terminated by the user.
Dual channel, continuous conversion mode: This is a variation of the auto scan
continuous conversion mode where conversion occurs on two user-selectable inputs.
The result of the conversion of the first channel is placed in result register, AD1DAT0.
The result of the conversion of the second channel is placed in result register,
AD1DAT1. The first channel is again converted and its result stored in AD1DAT2. The
second channel is again converted and its result placed in AD1DAT3. An interrupt is
generated, if enabled, after every set of four conversions (two conversions per
channel).
Single step mode: This special mode allows ‘single-stepping’ in an auto scan
conversion mode. Any combination of the four input channels can be selected for
conversion. After each channel is converted, an interrupt is generated, if enabled,
and the A/D waits for the next start condition. May be used with any of the start
modes.
9.9.4
Conversion start modes
Timer triggered start: An A/D conversion is started by the overflow of Timer 0. Once
a conversion has started, additional Timer 0 triggers are ignored until the conversion
has completed. The Timer triggered start mode is available in all A/D operating
modes.
Start immediately: Programming this mode immediately starts a conversion. This
start mode is available in all A/D operating modes.
Edge triggered: (P89LPC915/917) An A/D conversion is started by rising or falling
edge of P1.4. Once a conversion has started, additional edge triggers are ignored
until the conversion has completed. The edge triggered start mode is available in all
A/D operating modes.


Similar Part No. - P89LPC916

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89LPC916 NXP-P89LPC916 Datasheet
379Kb / 75P
   8-bit microcontrollers with accelerated two-clock 80C51 core 2 kB 3 V flash with 8-bit A/D converter
Rev. 05-15 December 2009
P89LPC9161 NXP-P89LPC9161 Datasheet
1Mb / 91P
   8-bit microcontroller with accelerated two-clock 80C51 core, 2 kB 3 V byte-erasable flash with 8-bit ADC
Rev. 02-9 February 2010
P89LPC9161FDH NXP-P89LPC9161FDH Datasheet
1Mb / 91P
   8-bit microcontroller with accelerated two-clock 80C51 core, 2 kB 3 V byte-erasable flash with 8-bit ADC
Rev. 02-9 February 2010
P89LPC916FDH NXP-P89LPC916FDH Datasheet
379Kb / 75P
   8-bit microcontrollers with accelerated two-clock 80C51 core 2 kB 3 V flash with 8-bit A/D converter
Rev. 05-15 December 2009
More results

Similar Description - P89LPC916

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89LPC915 NXP-P89LPC915 Datasheet
379Kb / 75P
   8-bit microcontrollers with accelerated two-clock 80C51 core 2 kB 3 V flash with 8-bit A/D converter
Rev. 05-15 December 2009
P89LPC925FDH PHILIPS-P89LPC925FDH Datasheet
233Kb / 49P
   8-bit microcontrollers with accelerated two-clock 80C51 core 4 kB/8 kB 3 V low-power Flash with 8-bit A/D converter
Rev. 03-15 December 2004
P89LPC924_925 PHILIPS-P89LPC924_925 Datasheet
243Kb / 49P
   8-bit microcontrollers with accelerated two-clock 80C51 core 4 kB/8 kB 3 V low-power Flash with 8-bit A/D converter
Rev. 03-15 December 2004
P89LPC904 PHILIPS-P89LPC904 Datasheet
190Kb / 41P
   8-bit microcontrollers with two-clock accelerated 80C51 core 1 kB 3 V byte-erasable Flash with 8-bit A/D converter
Rev. 02-25 June 2004
P89LPC9107 PHILIPS-P89LPC9107 Datasheet
257Kb / 58P
   8-bit microcontrollers with two-clock accelerated 80C51 core 1 kB 3 V byte-erasable Flash with 8-bit A/D converter
Rev. 02-11 April 2005
P89LPC9102 NXP-P89LPC9102 Datasheet
291Kb / 61P
   8-bit microcontrollers with two-clock accelerated 80C51 core 1 kB 3 V byte-erasable flash with 8-bit A/D converter
Rev. 03-10 July 2007
P89LPC938 PHILIPS-P89LPC938 Datasheet
318Kb / 68P
   8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable Flash with 10-bit A/D converter
Rev. 01-25 February 2005
P89LPC9201 NXP-P89LPC9201 Datasheet
335Kb / 74P
   8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB 3 V byte-erasable flash with 8-bit ADC
Rev. 01-16 April 2009
P89LPC9151 NXP-P89LPC9151 Datasheet
1Mb / 91P
   8-bit microcontroller with accelerated two-clock 80C51 core, 2 kB 3 V byte-erasable flash with 8-bit ADC
Rev. 02-9 February 2010
P89LPC933 PHILIPS-P89LPC933 Datasheet
337Kb / 71P
   8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB 3 V byte-erasable Flash with 8-bit A/D converters
Rev. 06-20 June 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com