Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDM1405HA Datasheet(PDF) 3 Page - Nihon Inter Electronics Corporation

Part # PDM1405HA
Description  MOSFET MODULE Dual 140A/500V
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PDM1405HA Datasheet(HTML) 3 Page - Nihon Inter Electronics Corporation

  PDM1405HA Datasheet HTML 1Page - Nihon Inter Electronics Corporation PDM1405HA Datasheet HTML 2Page - Nihon Inter Electronics Corporation PDM1405HA Datasheet HTML 3Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
240
200
160
120
80
40
0
02468
10
12
DRAIN TO SOURCE VOLTAGE VDS (V)
TC=25ı 250 s Pulse Test
VGS=10V
8V
7V
6V
5V
Fig. 1 Typical Output Characteristics
36
30
24
18
12
6
0
1
2
5
10
20
50
100
DRAIN TO SOURCE VOLTAGE VDS (V)
VGS=0V f=1MHz
Ciss
Fig. 4 Typical Capacitance
Fig. 4 Vs. Drain-Source Voltage
1000
500
100
200
50
20
10
2
5
10
20
50
200
100
RG=5
VDD=250V TC=25ı 80 s Pulse Test
DRAIN CURRENT ID (A)
td(off)
td(on)
tr
tf
Fig. 7 Typical Switching Time
Fig. 7 Vs. Drain Current
500
50
200
100
20
10
5
1
2
0.5
1
2
5
10
20
50 100
500
200
1000
DRAIN TO SOURCE VOLTAGE VDS (V)
TC=25ı Tj=150ıMAX Single Pulse
10 s
1ms
10ms
DC
100 s
Operation in this area
is limited by RDS (on)
Fig. 10 Maximum Safe Operating Area
12
10
8
6
4
2
0
0
4
8
12
16
GATE TO SOURCE VOLTAGE VGS (V)
TC=25ı 250 s Pulse Test
ID=145A
70A
35A
Fig. 2 Typical Drain-Source On-Voltage
Fig. 2 Vs. Gate-Source Voltage
16
12
8
4
0
0
300
600
900
1200
1500
1800
TOTAL GATE CHRAGE Qg (nC)
ID=100A
VDD= 100V
250V
400V
Fig. 5 Typical Gate Charge
Fig. 5 Vs. Gate-Source Voltage
200
160
120
80
40
0
0
0.4
0.8
1.2
1.6
2.0
2.4
SOURCE TO DRAIN VOLTAGE VSD (V)
250 s Pulse Test
Tj=125ı
Tj=25ı
Fig. 8 Typical Source-Drain Diode Forward
Fig. 8 Characteristics
0.01
2
1
0.5
0.2
0.1
0.05
0.02
10
-5
10
-4
10
-3
10
-2
10
-1
110
PULSE DURATION t (s)
Per Unit Base
Rth(j-c)=0.142ı/W
1 Shot Pulse
Fig. 11-1
Normalized Transient Thermal
impedance(MOSFET)
15
12
9
6
3
0
-40
0
40
80
120
160
JUNCTION TEMPERATURE Tj ( )
VGS=10V 250 s Pulse Test
ID=140A
70A
35A
Fig. 3 Typical Drain-Source On Voltage
Fig. 3 Vs. Junction Temperature
10
5
1
2
0.5
0.2
0.1
2
5
10
20
50
100
200
ID=70A VDD=250V TC=25ı 80 s Pulse Test
SERIES GATE IMPEDANCE RG ( )
td(off)
td(on)
tr
tf
Fig. 6 Typical Switching Time
Fig. 6 Vs. Series Gate impedance
500
200
50
100
20
10
5
0
100
200
300
400
500
600
-dis/dt (A/ s)
trr
IR
IS=140A
IS=100A
Tj=125ı
Fig. 9 Typical Reverse Recovery Characteristics
0.01
2
1
0.5
0.2
0.1
0.05
0.02
10
-5
10
-4
10
-3
10
-2
10
-1
110
PULSE DURATION t (s)
Per Unit Base
Rth(j-c)=1.0ı/W
1 Shot Pulse
Fig. 11-2
Normalized Transient Thermal
impedance(DIODE)
M
O
S
F
E
T
- 320 -


Similar Part No. - PDM1405HA

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PDM1405HA NIEC-PDM1405HA Datasheet
100Kb / 3P
   140A 500V
logo
Kyocera Kinseki Corpota...
PDM1405HA KSS-PDM1405HA Datasheet
464Kb / 3P
   Mosfet
logo
Nihon Inter Electronics...
PDM1405HA NIEC-PDM1405HA_1 Datasheet
100Kb / 3P
   140A 500V
logo
National Instruments Co...
PDM1405HA NI-PDM1405HA_15 Datasheet
100Kb / 3P
   MOSFET
More results

Similar Description - PDM1405HA

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PDM1405HA NIEC-PDM1405HA_1 Datasheet
100Kb / 3P
   140A 500V
PDM505HA NIEC-PDM505HA Datasheet
67Kb / 3P
   MOSFET MODULE Dual 50A/500V
PDM505HC NIEC-PDM505HC Datasheet
113Kb / 3P
   MOSFET MODULE Dual 50A/500V
PD4M440H NIEC-PD4M440H Datasheet
64Kb / 3P
   MOSFET MODULE Dual 30A 450/500V
PD10M440H NIEC-PD10M440H Datasheet
67Kb / 3P
   MOSFET MODULE DUAL 85A 450V/500V
PD4M440L NIEC-PD4M440L Datasheet
130Kb / 4P
   MOSFET MODULE Dual 30A 450V/500V
PD7M440H NIEC-PD7M440H Datasheet
66Kb / 3P
   MOSFET MODULE Dual 50A 450V/500V
PD10M440L NIEC-PD10M440L Datasheet
130Kb / 4P
   MOSFET MODULE Dual 70A 450V/500V
logo
Fairchild Semiconductor
FQS4903 FAIRCHILD-FQS4903 Datasheet
734Kb / 8P
   500V Dual N-Channel MOSFET
logo
International Rectifier
IRF3808 IRF-IRF3808 Datasheet
131Kb / 9P
   Power MOSFET(Vdss=75V, Rds(on)=0.007ohm, Id=140A??
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com