Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM286XF03 Datasheet(PDF) 2 Page - New Japan Radio

Part # NJM286XF03
Description  Ultra Low Noise Low Dropout Voltage Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM286XF03 Datasheet(HTML) 2 Page - New Japan Radio

  NJM286XF03 Datasheet HTML 1Page - New Japan Radio NJM286XF03 Datasheet HTML 2Page - New Japan Radio NJM286XF03 Datasheet HTML 3Page - New Japan Radio NJM286XF03 Datasheet HTML 4Page - New Japan Radio NJM286XF03 Datasheet HTML 5Page - New Japan Radio NJM286XF03 Datasheet HTML 6Page - New Japan Radio NJM286XF03 Datasheet HTML 7Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
NJM2863/64
- 2 -
Ver.2004-01-20
! ABSOLUTE MAXIMUM RATINGS
(Ta=25
°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
+14
V
Control Voltage
VCONT
+14(*note 1)
V
Power Dissipation
PD
200
mW
Operating Temperature
Topr
−40 ∼ +85
°C
Storage Temperature
Tstg
−40 ∼ +125
°C
(*note 1): When input voltage is less than +14V, the absolute maximum control
voltage is equal to the input voltage.
! ELECTRICAL CHARACTERISTICS
(VIN=Vo+1V, CIN=0.1
µF, Co=1.0µF: Vo≥2.7V (Co=2.2µF: Vo≤2.6V), Cp=0.01µF, Ta=25°C)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Output Voltage
Vo
Io=30mA
-1.0%
+1.0%
V
Quiescent Current
IQ
Io=0mA, except Icont
120
180
µA
Quiescent Current
at Control OFF
IQ(OFF)
VCONT=0V
100
nA
Output Current
Io
Vo-0.3V
100
130
mA
Line Regulation
∆Vo/∆V
IN
VIN=Vo+1V
∼ Vo+6V, Io=30mA
0.10
%/V
Load Regulation
∆Vo/∆Io
Io=0
∼ 100mA
0.03
%/mA
Dropout Voltage
∆V
I
−O
Io=60mA
0.10
0.18
V
Ripple Rejection
RR
ein=200mVrms,f=1kHz, Io=10mA,
Vo=3V Version
75
dB
Average Temperature
Coefficient of Output
Voltage
∆Vo/∆Ta Ta=0∼85°C, Io=10mA
± 50
ppm/
°C
Output Noise Voltage1
VNO1
f=10Hz
∼80kHz, Io=10mA, Cp=0.01µF,
Co=1.0
µF (Ceramic), Vo=3V Version
19
µVrms
Output Noise Voltage2
VNO2
f=10Hz
∼80kHz, Io=10mA, Cp=0.1µF,
Co=10
µF (Tantalum), Vo=3V Version
12
µVrms
Control Voltage for
ON-state
VCONT(ON)
1.6
V
Control Voltage for
OFF-state
VCONT(OFF)
0.6
V
(*note 2): The above specification is a common specification for all output voltages.
Therefore, it may be different from the individual specification for a specific output voltage.
! TEST CIRCUIT
NJM2863/64
VIN
VIN
VOUT
CONTROL
GND
0.1
µF
IIN
ICONT
VCONT
Cp=0.01
µF
IOUT
VOUT
V
V
A
A
1.0
µF
(ceramic)
NOISE
BYPASS
2.2
µF: Vo≤2.6V
OR


Similar Part No. - NJM286XF03

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2860 NJRC-NJM2860 Datasheet
168Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2860F3 NJRC-NJM2860F3 Datasheet
168Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2860F3-33-TE1 NJRC-NJM2860F3-33-TE1 Datasheet
290Kb / 16P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2861 NJRC-NJM2861 Datasheet
47Kb / 4P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2861F03 NJRC-NJM2861F03 Datasheet
47Kb / 4P
   LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - NJM286XF03

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2898 NJRC-NJM2898 Datasheet
175Kb / 10P
   2ch ULTRA LOW NOISE LOW DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
NCV8752 ONSEMI-NCV8752_16 Datasheet
1Mb / 21P
   Ultra-Low Noise, Low Dropout Regulator
January, 2016 ??Rev. 1
logo
AiT Semiconductor Inc.
A6307 AITSEMI-A6307 Datasheet
667Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR 300mA ULTRA-LOW NOISE ULTRA-FAST
REV1.0
logo
ON Semiconductor
NCP623 ONSEMI-NCP623_15 Datasheet
133Kb / 15P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator
October, 2015 ??Rev. 11
logo
Semtech Corporation
SC8863 SEMTECH-SC8863_05 Datasheet
224Kb / 11P
   150mA Ultra Low Dropout, Low Noise Regulator
SC8863 SEMTECH-SC8863 Datasheet
92Kb / 9P
   150mA ULTRA LOW DROPOUT, LOW NOISE REGULATOR
logo
AiT Semiconductor Inc.
A6500B AITSEMI-A6500B Datasheet
1Mb / 12P
   LOW DROPOUT VOLTAGE REGULATOR 500mA ULTRA-LOW NOISE, ULTRA-FAST CMOS LDO REGULATOR
REV1.0
logo
National Semiconductor ...
LP3985 NSC-LP3985 Datasheet
570Kb / 17P
   Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
logo
ON Semiconductor
MC33765 ONSEMI-MC33765_06 Datasheet
151Kb / 12P
   Very Low Dropout/Ultra Low Noise 5 Outputs Voltage Regulator
June, 2006 ??Rev. 4
MC33765 ONSEMI-MC33765 Datasheet
287Kb / 16P
   Very Low Dropout/Ultra Low Noise 5 Outputs Voltage Regulator
April, 2000 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com