Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTF3055-160T1 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTF3055-160T1
Description  Power MOSFET 2.0 Amps, 60 Volts N-Channel SOT-223
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTF3055-160T1 Datasheet(HTML) 3 Page - ON Semiconductor

  NTF3055-160T1 Datasheet HTML 1Page - ON Semiconductor NTF3055-160T1 Datasheet HTML 2Page - ON Semiconductor NTF3055-160T1 Datasheet HTML 3Page - ON Semiconductor NTF3055-160T1 Datasheet HTML 4Page - ON Semiconductor NTF3055-160T1 Datasheet HTML 5Page - ON Semiconductor NTF3055-160T1 Datasheet HTML 6Page - ON Semiconductor NTF3055-160T1 Datasheet HTML 7Page - ON Semiconductor NTF3055-160T1 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NTF3055–160
http://onsemi.com
3
0
0.5
2
3.5
2.5
1.5
13
4
Figure 1. On–Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On–Resistance versus
Gate–to–Source Voltage
Figure 4. On–Resistance versus Drain Current
and Gate Voltage
Figure 5. On–Resistance Variation with
Temperature
Figure 6. Drain–to–Source Leakage Current
versus Voltage
VGS, GATE–TO–SOURCE VOLTAGE (VOLTS)
TJ = 25°C
TJ = 100°C
TJ = –55°C
0
0.28
0.24
0.2
0.16
0.12
0
0.5
2
3.5
ID, DRAIN CURRENT (AMPS)
ID, DRAIN CURRENT (AMPS)
VGS = 15 V
2
1.8
1.6
1.4
TJ, JUNCTION TEMPERATURE (°C)
–50
50
25
0
–25
75
125
100
ID = 1 A
VGS = 10 V
0.8
0.6
150
1
10
1000
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
040
60
30
20
10
50
100
2.5
1.5
0
0.8
2
2.8
1.6
0.8
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
0
0.4
3.6
VGS = 10 V
VGS = 4.5 V
VGS = 8 V
VGS = 10 V
VGS = 5 V
1.6
0.4
1.2
2
3
6.2
3.8
5.4
3.4
4.2
4.6
5
5.8
0.08
0.04
1
VGS, GATE–TO–SOURCE VOLTAGE (VOLTS)
1.2
1.2
0.8
2
0
2.8
1.6
0.4
1.2
0.28
0.24
0.2
0.16
0.12
0
0.08
0.04
1
175
VGS = 5.5 V
TJ = 150°C
TJ = 100°C
TJ = 25°C
TJ = 25°C
TJ = 100°C
TJ = –55°C
VDS ≥ 10 V
VGS = 0 V
2.4
2.4
3.2
2.8
VGS = 7 V
VGS = 6 V
2.4
3
TJ = 125°C
4


Similar Part No. - NTF3055-160T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTF3055-100 ONSEMI-NTF3055-100 Datasheet
70Kb / 6P
   Power MOSFET 3.0 Amps 60 Volts N?묬hannel
February, 2006 ??Rev. 3
NTF3055-100 ONSEMI-NTF3055-100 Datasheet
80Kb / 6P
   Power MOSFET
July, 2016 ??Rev. 5
NTF3055-100T1 ONSEMI-NTF3055-100T1 Datasheet
70Kb / 6P
   Power MOSFET 3.0 Amps 60 Volts N?묬hannel
February, 2006 ??Rev. 3
NTF3055-100T1G ONSEMI-NTF3055-100T1G Datasheet
113Kb / 6P
   Power MOSFET 3.0 Amps, 60 Volts
October, 2011 ??Rev. 4
NTF3055-100T1G ONSEMI-NTF3055-100T1G Datasheet
80Kb / 6P
   Power MOSFET
July, 2016 ??Rev. 5
More results

Similar Description - NTF3055-160T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTF6P02T3 ONSEMI-NTF6P02T3 Datasheet
71Kb / 8P
   Power MOSFET -6.0 Amps, -20 Volts P-Channel SOT-223
September, 2002 ??Rev. 0
logo
Unisonic Technologies
60N06 UTC-60N06 Datasheet
201Kb / 8P
   60 Amps, 60 Volts N-CHANNEL POWER MOSFET
2N7002 UTC-2N7002_11 Datasheet
291Kb / 6P
   0.3 Amps, 60 Volts N-CHANNEL POWER MOSFET
UTT150N06 UTC-UTT150N06 Datasheet
196Kb / 6P
   150 Amps, 60 Volts N-CHANNEL POWER MOSFET
30N06 UTC-30N06_07 Datasheet
223Kb / 8P
   30 Amps, 60 Volts N-CHANNEL POWER MOSFET
2N7002W UTC-2N7002W Datasheet
158Kb / 3P
   300m Amps, 60 Volts N-CHANNEL POWER MOSFET
30N06 UTC-30N06 Datasheet
154Kb / 8P
   30 Amps, 60 Volts N-CHANNEL POWER MOSFET
50N06 UTC-50N06 Datasheet
145Kb / 8P
   50 Amps, 60 Volts N-CHANNEL POWER MOSFET
70N06 UTC-70N06 Datasheet
158Kb / 8P
   70 Amps, 60 Volts N-CHANNEL POWER MOSFET
logo
First Silicon Co., Ltd
FTK50N06P FS-FTK50N06P Datasheet
228Kb / 7P
   50 Amps, 60 Volts N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com