Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NL17SZ06 Datasheet(PDF) 3 Page - ON Semiconductor

Part No. NL17SZ06
Description  Single Inverter with Open Drain Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL17SZ06 Datasheet(HTML) 3 Page - ON Semiconductor

  NL17SZ06 Datasheet HTML 1Page - ON Semiconductor NL17SZ06 Datasheet HTML 2Page - ON Semiconductor NL17SZ06 Datasheet HTML 3Page - ON Semiconductor NL17SZ06 Datasheet HTML 4Page - ON Semiconductor NL17SZ06 Datasheet HTML 5Page - ON Semiconductor NL17SZ06 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NL17SZ06
http://onsemi.com
3
DC ELECTRICAL CHARACTERISTICS
VCC
TA = 25°C
−40
°C ≤ TA ≤ 85°C
Symbol
Parameter
Condition
VCC
(V)
Min
Typ
Max
Min
Max
Unit
VIH
High−Level Input Voltage
1.65 to 1.95
2.3 to 5.5
0.75 VCC
0.7 VCC
0.75 VCC
0.7 VCC
V
VIL
Low−Level Input Voltage
1.65 to 1.95
2.3 to 5.5
0.25 VCC
0.3 VCC
0.25 VCC
0.3 VCC
V
ILKG
Z−State Output
Leakage Current
VIN = VIL
VOUT = VCC or GND
2.3 to 5.5
$5.0
$10.0
mA
VOL
Low−Level Output
Voltage
IOL = 100 mA
1.65 to 5.5
0.0
0.1
0.1
V
Voltage
VIN = VIH or VIL
IOL = 4 mA
1.65
0.08
0.24
0.24
VIN = VIH or VIL
IOL = 8 mA
2.3
0.22
0.3
0.3
IOL = 12 mA
2.7
0.22
0.4
0.4
IOL = 16 mA
3.0
0.28
0.4
0.4
IOL = 24 mA
3.0
0.38
0.55
0.55
IOL = 32 mA
4.5
0.42
0.55
0.55
IIN
Input Leakage Current
VIN or VOUT = VCC or GND
0 to 5.5
$0.1
$1.0
mA
IOFF
Power Off−Output
Leakage Current
VOUT = 5.5 V
0
1.0
10
mA
ICC
Quiescent Supply Current
VIN = VCC or GND
5.5
1.0
10
mA
AC ELECTRICAL CHARACTERISTICS tR = tF = 2.5 ns; CL = 50 pF; RL = 500 W
TA = 25°C
−40
°C ≤ TA ≤ 85°C
Symbol
Parameter
Condition
VCC (V)
Min
Typ
Max
Min
Max
Unit
tPZL
Propagation Delay
(Fi
3
d 4)
RL = R1= 500 W, CL = 50 pF
1.65
0.8
5.3
11.6
0.8
12.0
ns
(Figure 3 and 4)
2.5
$ 0.2
0.8
3.0
3.6
0.8
4.1
3.3
$ 0.3
0.8
2.4
3.2
0.8
3.7
5.0
$ 0.5
0.5
2.4
3.0
0.5
3.5
tPLZ
Propagation Delay
(Fi
3
d 4)
RL = R1= 500 W, CL = 50 pF
1.65
0.8
5.3
11.6
0.8
12.0
ns
(Figure 3 and 4)
2.5
$ 0.2
0.8
2.5
3.6
0.8
4.1
3.3
$ 0.3
0.8
2.1
3.2
0.8
3.7
5.0
$ 0.5
0.5
1.2
3.0
0.5
3.5
CAPACITIVE CHARACTERISTICS
Symbol
Parameter
Condition
Typical
Unit
CIN
Input Capacitance
VCC = 5.5 V, VI = 0 V or VCC
u2.5
pF
COUT
Output Capacitance
VCC = 5.5 V, VI = 0 V or VCC
4.0
pF
CPD
Power Dissipation Capacitance (Note 6)
10 MHz, VCC = 5.5 V, VI = 0 V or VCC
4.0
pF
6. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Average operating current can be obtained by the equation: ICC(OPR) = CPD  VCC  fin + ICC. CPD is used to determine the no−load dynamic
power consumption; PD = CPD  VCC2  fin + ICC  VCC.


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn