Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NL17SZ06 Datasheet(PDF) 1 Page - ON Semiconductor

Part No. NL17SZ06
Description  Single Inverter with Open Drain Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL17SZ06 Datasheet(HTML) 1 Page - ON Semiconductor

  NL17SZ06 Datasheet HTML 1Page - ON Semiconductor NL17SZ06 Datasheet HTML 2Page - ON Semiconductor NL17SZ06 Datasheet HTML 3Page - ON Semiconductor NL17SZ06 Datasheet HTML 4Page - ON Semiconductor NL17SZ06 Datasheet HTML 5Page - ON Semiconductor NL17SZ06 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2005
January, 2005 − Rev. 3
1
Publication Order Number:
NL17SZ06/D
NL17SZ06
Single Inverter with Open
Drain Outputs
The NL17SZ06 is a high performance single inverter with open
drain outputs operating from a 1.65 to 5.5 V supply.
The Output stage is open drain with Over Voltage Tolerance. This
allows the NL17SZ06 to be used to interface 5.0 V circuits to circuits
of any voltage between 0 and +7.0 V.
Features
Tiny SOT−353 and SOT−553 Packages
Extremely High Speed: t
PD 2.5 ns (typical) at VCC = 5.0 V
Designed for 1.65 V to 5.5 V V
CC Operation, CMOS Compatible
Over Voltage Tolerant Inputs V
IN may be Between 0 and 7.0 V for
VCC Between 0.5 and 5.4 V
TTL Compatible − Interface Capability with 5.0 V TTL Logic with
VCC = 2.7 V to 3.6 V
LVCMOS Compatible
24 mA Output Sink Capability, Pullup may be between 0 and 7.0 V
Near Zero Static Supply Current Substantially Reduces System
Power Requirements
Chip Complexity: FET = 20
Pb−Free Packages are Available
VCC
NC
IN A
OUT Y
GND
IN A
OUT Y
1
OVT
Figure 1. Pinout (Top View)
Figure 2. Logic Symbol
1
2
3
5
4
PIN ASSIGNMENT
1
2
3
GND
NC
IN A
4
5VCC
OUT Y
Pin
Function
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION
MARKING
DIAGRAMS
d = Date Code
FUNCTION TABLE
L
A Input
Y Output
Z
LFd
SOT−353/SC70−5/SC−88A
DF SUFFIX
CASE 419A
SOT−553
XV5 SUFFIX
CASE 463B
LF
= Device Marking
D
= One Digit Date Code
LF D
1
5
HL
1
5
1
5
1
5
http://onsemi.com


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn