Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4601 Datasheet(PDF) 53 Page - Asahi Kasei Microsystems

Part # AK4601
Description  Audio HUB CODEC with Digital Mixer
Download  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4601 Datasheet(HTML) 53 Page - Asahi Kasei Microsystems

Back Button AK4601 Datasheet HTML 49Page - Asahi Kasei Microsystems AK4601 Datasheet HTML 50Page - Asahi Kasei Microsystems AK4601 Datasheet HTML 51Page - Asahi Kasei Microsystems AK4601 Datasheet HTML 52Page - Asahi Kasei Microsystems AK4601 Datasheet HTML 53Page - Asahi Kasei Microsystems AK4601 Datasheet HTML 54Page - Asahi Kasei Microsystems AK4601 Datasheet HTML 55Page - Asahi Kasei Microsystems AK4601 Datasheet HTML 56Page - Asahi Kasei Microsystems AK4601 Datasheet HTML 57Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 111 page
background image
[AK4601]
016000391-E-01
- 53 -
2016/12
5-3. Input/ Output Interface Format
The AK4601 has three digital input ports (SDIN1~SDIN3) and three digital output ports (SDOUT1~
SDOUT3). The input data format is determined by a combination of DISLx[1:0], DIEDGENx, DILSBEx
and DIDLx[1:0] bits settings (x=1~3). The output data format is determined by a of DOSLx[1:0],
DOEDGENx, DOLSBEx and DODLx[1:0] bits settings (x=1~3).
DISLx[1:0] bits / DOSLx[1:0] bits (x=1~
3) control input/output data slot length.
DISLx[1] bit
DOSLx[1] bit
DISLx[0] bit
DOSLx[0] bit
Slot Length
0
0
24bit
(default)
0
1
20bit
1
0
16bit
1
1
32bit
Table 24. Slot Length Setting of Input/Output Data
DIDLx[1:0] bits / DODLx[1:0] bits (x=1~
3) control input/output audio data word length.
DIDLx[1] bit
DODLx[1] bit
DIDLx[0] bit
DODLx[0] bit
Word Length
0
0
24bit
(default)
0
1
20bit
1
0
16bit
1
1
32bit
Table 25. Word Length Setting of Input/Output Audio Data
DILSBEx bit/ DOLSBEx bit (x=1~
3) selects the audio data format of a slot.
DILSBEx bit
DOLSBEx bit
Slot Data Format
0
MSB First
(default)
1
LSB First
Table 26. Slot Data Format Setting
DIEDGENx bit / DOEDGENx bit (x=1~
3) select data transmission start timing of the data after second channel
DIEDGENx bit
DOEDGENx bit
Start Timing
0
LRCK Edge Basis
(default)
1
Slot Length Basis
Table 27. Data Transmission Start Timing of The Data After Second Channel
If the data transmitting timing is set to Slot length basis, the next channel
’s data is transmitted
immediately without waiting a LRCK edge after transmitted one slot data (Figure 29 ~ Figure 32).
If the data transmitting timing is set to LRCK edge basis, the next channel
’s data will not be transmitted
until a LRCK edge even finished transmitting one slot data (Figure 26 ~ Figure 28).


Similar Part No. - AK4601

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4601VQ AKM-AK4601VQ Datasheet
2Mb / 111P
   Audio HUB CODEC with Digital Mixer
More results

Similar Description - AK4601

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4601VQ AKM-AK4601VQ Datasheet
2Mb / 111P
   Audio HUB CODEC with Digital Mixer
logo
Wolfson Microelectronic...
WM5102 WOLFSON-WM5102 Datasheet
3Mb / 334P
   Audio Hub CODEC with Voice Processor DSP
WM8998 WOLFSON-WM8998 Datasheet
4Mb / 307P
   High Performance Audio Hub CODEC
logo
Realtek Semiconductor C...
ALC5642 REALTEK-ALC5642 Datasheet
1Mb / 156P
   Multi-Channel Audio Hub/CODEC
ALC5645 REALTEK-ALC5645 Datasheet
1Mb / 188P
   Multi-Channel Audio Hub/CODEC
ALC5640 REALTEK-ALC5640 Datasheet
1Mb / 150P
   Multi-Channel Audio Hub/CODEC
ALC5672 REALTEK-ALC5672 Datasheet
1Mb / 179P
   Multi-Channel Audio Hub/CODEC
logo
Texas Instruments
TAS3002 TI-TAS3002 Datasheet
350Kb / 74P
[Old version datasheet]   Digital Audio Processor With Codec
TAS3004PFB TI1-TAS3004PFB Datasheet
1Mb / 84P
[Old version datasheet]   DIgital Audio Processor With Codec
TAS3004 TI-TAS3004 Datasheet
371Kb / 80P
[Old version datasheet]   Digital Audio Processor With Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com