Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJU6818 Datasheet(PDF) 62 Page - New Japan Radio

Part # NJU6818
Description  80-Common X 104RGB-Segment in 4096-Color STN LCD DRIVER
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU6818 Datasheet(HTML) 62 Page - New Japan Radio

Back Button NJU6818 Datasheet HTML 58Page - New Japan Radio NJU6818 Datasheet HTML 59Page - New Japan Radio NJU6818 Datasheet HTML 60Page - New Japan Radio NJU6818 Datasheet HTML 61Page - New Japan Radio NJU6818 Datasheet HTML 62Page - New Japan Radio NJU6818 Datasheet HTML 63Page - New Japan Radio NJU6818 Datasheet HTML 64Page - New Japan Radio NJU6818 Datasheet HTML 65Page - New Japan Radio NJU6818 Datasheet HTML 66Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 102 page
background image
NJU6818
- 62 -
(32-8) Display control (2)
The “Display control (2)” instruction is used to control display conditions by setting the “Segment direction”, “SWAP
mode ON/OFF”, “N-line inversion ON/OFF” and “Reverse display ON/OFF” registers.
CSb
RS
RDb
WRb
RE2
RE1
RE0
D7
D6
D5
D4
D3
D2
D1
D0
0
1
1
0
0
0
0
1
0
0
1
REV
NLIN
SWAP
REF
REF register
The “REF” register is used to reverse the assignment between segment drivers and column address, and it is
possible to reduce restrictions for placement of the LSI on the LCD module. For more information, see (10) “The
relation among the DDRAM column address, display data and segment drivers”.
SWAP register
The “SWAP” register is used to reverse the arrangement of display data in the DDRAM.
SWAP=0 : SWAP mode OFF
(Normal)
SWAP=1 : SWAP mode ON
SWAP=”0”
SWAP=”1”
Write data
D7 D6 D5 D4 D3 D2 D1 D0
D7 D6 D5 D4 D3 D2 D1 D0
RAM data
D7 d6 d5 d4 d3 d2 d1 d0
d0 d1 d2 d3 d4 d5 d6 d7
Read data
D7 D6 D5 D4 D3 D2 D1 D0
D7 D6 D5 D4 D3 D2 D1 D0
NLIN register
The “NLIN” is used to enable or disable the N-line inversion.
NLIN=0 : N-line inversion OFF
(The FR signal toggles by the flame.)
NLIN=1 : N-line inversion ON
(The FR signal toggles once every N lines.)
REV register
The “REV” register is used to enable or disable the reverse display mode that reverses the polarity of display data
without changing display data of the DDRAM.
REV=0 : Reverse display mode OFF
REV=1 : Reverse display mode ON
REV
Display
DDRAM data
→ Display data
0
0
0
Normal
1
1
0
1
1
Reverse
1
0


Similar Part No. - NJU6818

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6820 NJRC-NJU6820 Datasheet
941Kb / 101P
   40-common x 128RGB-Segment, in 4096-Color 4096-Color STN LCD DRIVER
NJU6820CJ NJRC-NJU6820CJ Datasheet
941Kb / 101P
   40-common x 128RGB-Segment, in 4096-Color 4096-Color STN LCD DRIVER
NJU6824 NJRC-NJU6824 Datasheet
982Kb / 110P
   128-common x (1282) RGB-Segment, in 4096-Color STN LCD DRIVER
NJU6854 NJRC-NJU6854 Datasheet
1Mb / 111P
   132COMMON x 132RGB LCD DRIVER FOR 65,536 - COLOR STN DISPLAY
More results

Similar Description - NJU6818

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6820 NJRC-NJU6820 Datasheet
941Kb / 101P
   40-common x 128RGB-Segment, in 4096-Color 4096-Color STN LCD DRIVER
NJU6824 NJRC-NJU6824 Datasheet
982Kb / 110P
   128-common x (1282) RGB-Segment, in 4096-Color STN LCD DRIVER
logo
Generalplus Technology ...
GPLD2080A GENERALPLUS-GPLD2080A Datasheet
268Kb / 10P
   80 Channels SEGMENT STN LCD Driver
logo
Rohm
BU98582CH-3BW ROHM-BU98582CH-3BW Datasheet
448Kb / 7P
   65,536 Colors 104RGB x 82 STN LCD control driver
logo
Samsung semiconductor
S6B33B0A SAMSUNG-S6B33B0A Datasheet
423Kb / 76P
   144 RGB Segment & 177 Common Driver For 65,536 Color STN LCD
S6B33A2 SAMSUNG-S6B33A2 Datasheet
383Kb / 67P
   128 RGB Segment & 129 Common Driver For 4,096 Color STN LCD
S6B33B2 SAMSUNG-S6B33B2 Datasheet
1Mb / 79P
   132 RGB Segment & 162 Common Driver For 65,536 Color STN LCD
logo
ELAN Microelectronics C...
EM65568 EMC-EM65568 Datasheet
1Mb / 112P
   130 COM/ 128 SEG 4096 Color STN LCD Driver
logo
List of Unclassifed Man...
SSD1805 ETC2-SSD1805 Datasheet
675Kb / 52P
   132 x 68 STN LCD Segment / Common Monochrome Driver with Controller
logo
Taiwan Memory Technolog...
T66H0004A TMT-T66H0004A Datasheet
602Kb / 32P
   80 output LCD Segment/Common Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com