Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NJU6818 Datasheet(PDF) 6 Page - New Japan Radio

Part No. NJU6818
Description  80-Common X 104RGB-Segment in 4096-Color STN LCD DRIVER
Download  102 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NJRC [New Japan Radio]
Homepage  http://www.njr.co.jp/index_e.htm
Logo NJRC - New Japan Radio

NJU6818 Datasheet(HTML) 6 Page - New Japan Radio

Back Button NJU6818 Datasheet HTML 2Page - New Japan Radio NJU6818 Datasheet HTML 3Page - New Japan Radio NJU6818 Datasheet HTML 4Page - New Japan Radio NJU6818 Datasheet HTML 5Page - New Japan Radio NJU6818 Datasheet HTML 6Page - New Japan Radio NJU6818 Datasheet HTML 7Page - New Japan Radio NJU6818 Datasheet HTML 8Page - New Japan Radio NJU6818 Datasheet HTML 9Page - New Japan Radio NJU6818 Datasheet HTML 10Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 102 page
background image
NJU6818
- 6 -
PAD COORDINATES 1
Chip Size 19250
µm x 2500µm (Chip Center 0µm x 0µm )
PAD
No.
Terminal
X(
µm)
Y(
µm) PAD
No.
Terminal
X(
µm)
Y(
µm)
PAD
No.
Terminal
X(
µm)
Y(
µm)
1
DMY0
-9067.5
-1055
52
DMY27
-6772.5
-1055
103
D9
-3487.5
-1055
2
DMY1
-9022.5
-1055
53
RS
-6727.5
-1055
104
DMY49
-3442.5
-1055
3
DMY2
-8977.5
-1055
54
RS
-6682.5
-1055
105
DMY50
-3307.5
-1055
4
VDDA
-8932.5
-1055
55
DMY28
-6637.5
-1055
106
D10
-3262.5
-1055
5
VDDA
-8887.5
-1055
56
DMY29
-6592.5
-1055
107
D10
-3217.5
-1055
6
DMY3
-8842.5
-1055
57
DMY30
-6547.5
-1055
108
D11
-3082.5
-1055
7
ID0
-8797.5
-1055
58
DMY31
-6502.5
-1055
109
D11
-3037.5
-1055
8
ID0
-8752.5
-1055
59
WRb
-6457.5
-1055
110
DMY51
-2992.5
-1055
9
DMY4
-8707.5
-1055
60
WRb
-6412.5
-1055
111
DMY52
-2857.5
-1055
10
DMY5
-8662.5
-1055
61
DMY32
-6367.5
-1055
112
D12
-2812.5
-1055
11
DMY6
-8617.5
-1055
62
DMY33
-6322.5
-1055
113
D12
-2767.5
-1055
12
DMY7
-8572.5
-1055
63
RDb
-6277.5
-1055
114
D13
-2632.5
-1055
13
ID1
-8527.5
-1055
64
RDb
-6232.5
-1055
115
D13
-2587.5
-1055
14
ID1
-8482.5
-1055
65
DMY34
-6187.5
-1055
116
DMY53
-2542.5
-1055
15
DMY8
-8437.5
-1055
66
DMY35
-6142.5
-1055
117
DMY54
-2407.5
-1055
16
DMY9
-8392.5
-1055
67
VDDA
-6097.5
-1055
118
D14
-2362.5
-1055
17
ID2
-8347.5
-1055
68
VDDA
-6052.5
-1055
119
D14
-2317.5
-1055
18
ID2
-8302.5
-1055
69
DMY36
-6007.5
-1055
120
D15
-2182.5
-1055
19
DMY10
-8257.5
-1055
70
DMY37
-5962.5
-1055
121
D15
-2137.5
-1055
20
DMY11
-8212.5
-1055
71
DMY38
-5917.5
-1055
122
DMY55
-2092.5
-1055
21
DMY12
-8167.5
-1055
72
DMY39
-5872.5
-1055
123
VDD
-1957.5
-1055
22
DMY13
-8122.5
-1055
73
DMY40
-5737.5
-1055
124
VDD
-1912.5
-1055
23
ID3
-8077.5
-1055
74
D0/SCL
-5692.5
-1055
125
VDD
-1867.5
-1055
24
ID3
-8032.5
-1055
75
D0/SCL
-5647.5
-1055
126
VDD
-1822.5
-1055
25
DMY14
-7987.5
-1055
76
D1/SDA
-5512.5
-1055
127
VDD
-1777.5
-1055
26
VSSA
-7942.5
-1055
77
D1/SDA
-5467.5
-1055
128
VDD
-1732.5
-1055
27
VSSA
-7897.5
-1055
78
DMY41
-5422.5
-1055
129
VDD
-1687.5
-1055
28
DMY15
-7852.5
-1055
79
DMY42
-5287.5
-1055
130
VDD
-1642.5
-1055
29
SEL68
-7807.5
-1055
80
D2
-5242.5
-1055
131
VDD
-1597.5
-1055
30
SEL68
-7762.5
-1055
81
D2
-5197.5
-1055
132
DMY56
-1372.5
-1055
31
DMY16
-7717.5
-1055
82
D3/SMODE
-5062.5
-1055
133
CL
-1327.5
-1055
32
DMY17
-7672.5
-1055
83
D3/SMODE
-5017.5
-1055
134
CL
-1282.5
-1055
33
VDDA
-7627.5
-1055
84
DMY43
-4972.5
-1055
135
FLM
-1147.5
-1055
34
VDDA
-7582.5
-1055
85
DMY44
-4837.5
-1055
136
FLM
-1102.5
-1055
35
DMY18
-7537.5
-1055
86
D4/SPOL
-4792.5
-1055
137
DMY57
-1057.5
-1055
36
DMY19
-7492.5
-1055
87
D4/SPOL
-4747.5
-1055
138
DMY58
-922.5
-1055
37
P/S
-7447.5
-1055
88
D5
-4612.5
-1055
139
FR
-877.5
-1055
38
P/S
-7402.5
-1055
89
D5
-4567.5
-1055
140
FR
-832.5
-1055
39
DMY20
-7357.5
-1055
90
DMY45
-4522.5
-1055
141
CLK
-697.5
-1055
40
VSSA
-7312.5
-1055
91
DMY46
-4387.5
-1055
142
CLK
-652.5
-1055
41
VSSA
-7267.5
-1055
92
D6
-4342.5
-1055
143
DMY59
-607.5
-1055
42
DMY21
-7222.5
-1055
93
D6
-4297.5
-1055
144
DMY60
-472.5
-1055
43
RESb
-7177.5
-1055
94
D7
-4162.5
-1055
145
OSC1
-427.5
-1055
44
RESb
-7132.5
-1055
95
D7
-4117.5
-1055
146
OSC1
-382.5
-1055
45
DMY22
-7087.5
-1055
96
DMY47
-4072.5
-1055
147
DMY61
-337.5
-1055
46
DMY23
-7042.5
-1055
97
VSSA
-3937.5
-1055
148
DMY62
-292.5
-1055
47
DMY24
-6997.5
-1055
98
VSSA
-3892.5
-1055
149
OSC2
-157.5
-1055
48
DMY25
-6952.5
-1055
99
DMY48
-3757.5
-1055
150
OSC2
-112.5
-1055
49
CSb
-6907.5
-1055
100
D8
-3712.5
-1055
151
VSS
22.5
-1055
50
CSb
-6862.5
-1055
101
D8
-3667.5
-1055
152
VSS
67.5
-1055
51
DMY26
-6817.5
-1055
102
D9
-3532.5
-1055
153
VSS
112.5
-1055


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn