Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJU6818 Datasheet(PDF) 37 Page - New Japan Radio

Part # NJU6818
Description  80-Common X 104RGB-Segment in 4096-Color STN LCD DRIVER
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU6818 Datasheet(HTML) 37 Page - New Japan Radio

Back Button NJU6818 Datasheet HTML 33Page - New Japan Radio NJU6818 Datasheet HTML 34Page - New Japan Radio NJU6818 Datasheet HTML 35Page - New Japan Radio NJU6818 Datasheet HTML 36Page - New Japan Radio NJU6818 Datasheet HTML 37Page - New Japan Radio NJU6818 Datasheet HTML 38Page - New Japan Radio NJU6818 Datasheet HTML 39Page - New Japan Radio NJU6818 Datasheet HTML 40Page - New Japan Radio NJU6818 Datasheet HTML 41Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 102 page
background image
NJU6818
- 37 -
In the 16-bit data bus mode, the data assignments between the gradation palettes and the segment drivers vary in
accordance with setting for the “SWAP” and “REF” bits of the "Display control (2)" instruction as well as the
assignment in the 8-bit data bus mode.
(REF, SWAP)=(0, 0) or (1, 1)
Note) DDRAM column address :nH
(REF=”0”)
:67H - nH (REF=”1”)
(REF, SWAP)=(0, 1) or (1, 0)
Note) DDRAM column address :nH
(REF=”0”)
:67H -nH
(REF=”1”)
SEGAi
SEGBi
SEGCi
(i=0 to 103)
MSB
LSB
MSB
LSB
MSB
Gradation palette
j=0 to 15
Display data from MPU
Gradation control circuit
Display data in DDRAM
LSB
PaletteAj
PaletteBj
PaletteCj
0
0
0
0
1
1
1
1
0
0
1
0
0
0
0
0
1
1
1
1
0
0
1
0
D
15
D
14
D
12
D
13
D
10
D
9
D
8
D
7
D
4
D
3
D
1
D
2
D
15
D
14
D
12
D
13
D
10
D
9
D
8
D
7
D
4
D
3
D
1
D
2
(D
11
D
10
D
8
D
9
D
7
D
6
D
5
D
4
D
3
D
2
D
0)
D
1
ABS=1 (D11 D10
D
8
D
9
D
7
D
6
D
5
D
4
D
3
D
2
D
0)
D
1
ABS=1
Column address; nH
Gradation palette
j=0 to 15
i=0 to 103
Display data from MPU
Gradation control circuit
Display data in DDRAM
LSB
MSB
LSB
MSB
LSB
MSB
SEGAi
SEGBi
SEGCi
PaletteAj
PaletteBj
PaletteCj
1
1
1
1
0
0
0
0
1
0
0
0
0
0
0
0
1
1
1
1
0
0
1
0
D
15
D
14
D
12
D
13
D
10
D
9
D
8
D
7
D
4
D
3
D
1
D
2
Column address; nH
(D
11
D
10
D
8
D
9
D
7
D
6
D
5
D
4
D
3
D
2
D
0)
D
1
ABS=1
Gradation palette
j=0 to 15
Display data from MPU
Gradation control circuit
Display data in DDRAM
LSB
MSB
LSB
MSB
LSB
MSB
SEGAi
SEGBi
SEGCi
PaletteAj
PaletteBj
PaletteCj
1
1
1
1
0
0
0
0
1
0
0
0
0
0
0
0
1
1
1
1
0
0
1
0
D
15
D
14
D
12
D
13
D
10
D
9
D
8
D
7
D
4
D
3
D
1
D
2
Column address; nH
(D
11
D
10
D
8
D
9
D
7
D
6
D
5
D
4
D
3
D
2
D
0)
D
1
ABS=1


Similar Part No. - NJU6818

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6820 NJRC-NJU6820 Datasheet
941Kb / 101P
   40-common x 128RGB-Segment, in 4096-Color 4096-Color STN LCD DRIVER
NJU6820CJ NJRC-NJU6820CJ Datasheet
941Kb / 101P
   40-common x 128RGB-Segment, in 4096-Color 4096-Color STN LCD DRIVER
NJU6824 NJRC-NJU6824 Datasheet
982Kb / 110P
   128-common x (1282) RGB-Segment, in 4096-Color STN LCD DRIVER
NJU6854 NJRC-NJU6854 Datasheet
1Mb / 111P
   132COMMON x 132RGB LCD DRIVER FOR 65,536 - COLOR STN DISPLAY
More results

Similar Description - NJU6818

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6820 NJRC-NJU6820 Datasheet
941Kb / 101P
   40-common x 128RGB-Segment, in 4096-Color 4096-Color STN LCD DRIVER
NJU6824 NJRC-NJU6824 Datasheet
982Kb / 110P
   128-common x (1282) RGB-Segment, in 4096-Color STN LCD DRIVER
logo
Generalplus Technology ...
GPLD2080A GENERALPLUS-GPLD2080A Datasheet
268Kb / 10P
   80 Channels SEGMENT STN LCD Driver
logo
Rohm
BU98582CH-3BW ROHM-BU98582CH-3BW Datasheet
448Kb / 7P
   65,536 Colors 104RGB x 82 STN LCD control driver
logo
Samsung semiconductor
S6B33B0A SAMSUNG-S6B33B0A Datasheet
423Kb / 76P
   144 RGB Segment & 177 Common Driver For 65,536 Color STN LCD
S6B33A2 SAMSUNG-S6B33A2 Datasheet
383Kb / 67P
   128 RGB Segment & 129 Common Driver For 4,096 Color STN LCD
S6B33B2 SAMSUNG-S6B33B2 Datasheet
1Mb / 79P
   132 RGB Segment & 162 Common Driver For 65,536 Color STN LCD
logo
ELAN Microelectronics C...
EM65568 EMC-EM65568 Datasheet
1Mb / 112P
   130 COM/ 128 SEG 4096 Color STN LCD Driver
logo
List of Unclassifed Man...
SSD1805 ETC2-SSD1805 Datasheet
675Kb / 52P
   132 x 68 STN LCD Segment / Common Monochrome Driver with Controller
logo
Taiwan Memory Technolog...
T66H0004A TMT-T66H0004A Datasheet
602Kb / 32P
   80 output LCD Segment/Common Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com