Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZV5002 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AZV5002
Description  Low Power Audio Jack Detector
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AZV5002 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AZV5002 Datasheet HTML 5Page - Diodes Incorporated AZV5002 Datasheet HTML 6Page - Diodes Incorporated AZV5002 Datasheet HTML 7Page - Diodes Incorporated AZV5002 Datasheet HTML 8Page - Diodes Incorporated AZV5002 Datasheet HTML 9Page - Diodes Incorporated AZV5002 Datasheet HTML 10Page - Diodes Incorporated AZV5002 Datasheet HTML 11Page - Diodes Incorporated AZV5002 Datasheet HTML 12Page - Diodes Incorporated AZV5002 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
AZV5002
Document number: DS38465 Rev. 1 - 2
9 of 15
www.diodes.com
March 2016
© Diodes Incorporated
AZV5002
Performance Characteristics (Cont.) (Typical Values are referenced to V
DD = 1.8V, VDD2 = 2.1V, unless otherwise noted.)
L_DET to DET Propagation Delay
L_DET to DET Propagation Delay
GND_DET to DET Propagation Delay
GND_DET to DET Propagation Delay
GND_DET to MIC Propagation Delay
GND_DET to MIC Propagation Delay
VDD=1.8V, VDD2=2.1V,
GND_DET=0 to 1.8V,
L_DETt=0
Rpull-High=2.2KΩ
MIC Bias=2.3V
VDD=1.8V, VDD2=2.1V,
GND_DET=0 to 1.8V
L_DETt=0
Rpull-High=2.2KΩ
MIC Bias=2.3V


Similar Part No. - AZV5002

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AZV5001 DIODES-AZV5001 Datasheet
634Kb / 12P
   Low-Power Headset Detection IC in Miniaturized Package
AZV5001RA4-7 DIODES-AZV5001RA4-7 Datasheet
634Kb / 12P
   Low-Power Headset Detection IC in Miniaturized Package
More results

Similar Description - AZV5002

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2592 VISHAY-DG2592_V01 Datasheet
188Kb / 13P
   Audio Jack Detector with Send / End Detect
08-Feb-17
DG2592 VISHAY-DG2592 Datasheet
187Kb / 13P
   Audio Jack Detector with Send / End Detect
Rev. D, 30-Nov-15
DG2591 VISHAY-DG2591 Datasheet
161Kb / 12P
   Audio Jack Detector and Pop Noise Control Switch
Rev. B, 13-Oct-14
logo
Pericom Semiconductor C...
PT7M6118 PERICOM-PT7M6118 Datasheet
531Kb / 11P
   Low Power Voltage Detector
logo
Shanghai Consonance Ele...
CN305 CONSONANCE-CN305 Datasheet
228Kb / 9P
   Low Power Window Detector
logo
Pericom Semiconductor C...
PT7M6418 PERICOM-PT7M6418 Datasheet
393Kb / 12P
   Low Power Voltage Detector
logo
Shenzhen Huazhimei Semi...
HM70XX HMSEMI-HM70XX Datasheet
1Mb / 11P
   Low Power Voltage Detector
HM61XX HMSEMI-HM61XX Datasheet
1Mb / 12P
   Low Power Voltage Detector
logo
CUI INC
SJ2-256X-SMT CUI-SJ2-256X-SMT Datasheet
595Kb / 4P
   AUDIO JACK
SJ1-251X-SMT CUI-SJ1-251X-SMT_18 Datasheet
576Kb / 4P
   AUDIO JACK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com