Electronic Components Datasheet Search |
|
NCP584HSN26T1G Datasheet(PDF) 2 Page - ON Semiconductor |
|
NCP584HSN26T1G Datasheet(HTML) 2 Page - ON Semiconductor |
2 / 12 page NCP584 http://onsemi.com 2 PIN FUNCTION DESCRIPTION SOT23−5 Pin Name Description 1 Vin Power supply input voltage. 2 GND Power supply ground. 3 CE or CE Chip enable pin. 4 ECO Mode alternative pin. 5 Vout Regulated output voltage. MAXIMUM RATINGS Rating Symbol Value Unit Input Voltage Vin 6.5 V Input Voltage (CE or CE Pin) VCE −0.3 to Vin +0.3 V Input Voltage (ECO Pin) VECO −0.3 to Vin +0.3 V Output Voltage Vout −0.3 to Vin +0.3 V Output Current Iout 250 mA Power Dissipation PD 250 mW Operating Junction Temperature Range TJ −40 to +85 °C Storage Temperature Range Tstg +150 °C Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. ELECTRICAL CHARACTERISTICS (Vin = Vout + 1.0 V, TA = 25°C, unless otherwise noted.) Characteristic Symbol Min Typ Max Unit Input Voltage Vin 1.4 − 6.0 V Output Voltage (1.0 mA ≤ Iout ≤ 30 mA) VECO = Vin VECO = GND Vout Vout X 0.980 Vout X 0.970 − − Vout X 1.020 Vout X 1.030 V Line Regulation (Iout = 30 mA, Vout + 0.5 V ≤ Vin ≤ 6.0 V) FT Mode VECO = Vin LP Mode VECO = GND Regline − − 0.05 0.10 0.20 0.30 %/V Load Regulation FT Mode (1.0 mA ≤ Iout ≤ 200 mA), VECO = Vin LP Mode (1.0 mA ≤ Iout ≤ 100 mA), VECO = GND Regload − − 20 10 40 40 mV Dropout Voltage (Iout = 200 mA) 0.8 ≤ Vout ≤ 0.9 V 1.0 ≤ Vout ≤ 1.4 V 1.5 ≤ Vout ≤ 2.5 V 2.6 ≤ Vout ≤ 3.1 V VDO − − 0.40 0.30 0.20 0.10 0.70 0.50 0.30 0.20 V Power Supply Current (Iout = 0 mA) FT Mode, VECO = Vin LP Mode, VECO = GND Vout ≤ 1.5 V Vout ≤ 1.6 V Isupply − − − 40 3.5 4.5 70 6.0 8.0 mA Output Current (Vin − Vout = 0.5 V) Vin ≥ 1.5 V, Vout ≤ 1.0 V Iout 200 − − mA Quiescent Current (VCE = Vin) IQ − 0.1 1.0 mA Output Short Circuit Current (Vout = 0 V) Ilim − 50 − mA Enable Input Threshold Voltage High, ECO Input Voltage = High Low, ECO Input Voltage = Low Vthenh Vthenl 1.0 0 − − Vin 0.3 V |
Similar Part No. - NCP584HSN26T1G |
|
Similar Description - NCP584HSN26T1G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |