Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP584HSN26T1G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP584HSN26T1G
Description  Tri-Mode 200 mA CMOS LDO Regulator with Enable
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP584HSN26T1G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP584HSN26T1G Datasheet HTML 2Page - ON Semiconductor NCP584HSN26T1G Datasheet HTML 3Page - ON Semiconductor NCP584HSN26T1G Datasheet HTML 4Page - ON Semiconductor NCP584HSN26T1G Datasheet HTML 5Page - ON Semiconductor NCP584HSN26T1G Datasheet HTML 6Page - ON Semiconductor NCP584HSN26T1G Datasheet HTML 7Page - ON Semiconductor NCP584HSN26T1G Datasheet HTML 8Page - ON Semiconductor NCP584HSN26T1G Datasheet HTML 9Page - ON Semiconductor NCP584HSN26T1G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
NCP584
http://onsemi.com
6
TYPICAL CHARACTERISTICS
Figure 21. Dropout Voltage vs. Output Current
25
50
75
100
OUTPUT CURRENT Iout (mA)
150
0.30
0.20
0.15
0.10
0.05
0.00
0
Vout = 1.0 V
ECO = H
125
−40
°C
85
°C
25
°C
200
175
0.25
0.40
0.35
25
50
75
100
OUTPUT CURRENT Iout (mA)
150
0.30
0.20
0.15
0.10
0.05
0.00
0
Vout = 1.0 V
ECO = L
125
−40
°C
85
°C
25
°C
200
175
0.25
0.40
0.35
Figure 22. Dropout Voltage vs. Output Current
Figure 23. Dropout Voltage vs. Output Current
25
50
75
100
OUTPUT CURRENT Iout (mA)
150
0.30
0.20
0.15
0.10
0.05
0.00
0
Vout = 1.5 V
ECO = H
125
−40
°C
85
°C
25
°C
200
175
0.25
25
50
75
100
OUTPUT CURRENT Iout (mA)
150
0.30
0.20
0.15
0.10
0.05
0.00
0
Vout = 1.5 V
ECO = L
125
−40
°C
85
°C
25
°C
200
175
0.25
Figure 24. Dropout Voltage vs. Output Current
Figure 25. Ripple Rejection vs. Frequency
Figure 26. Ripple Rejection vs. Frequency
90
1
10
FREQUENCY, f (kHz)
100
80
70
60
50
40
30
20
10
0
0.1
90
1
10
FREQUENCY, f (kHz)
100
80
70
60
50
40
30
20
10
0
0.1
Iout = 1.0 mA
Iout = 30 mA
Iout = 1.0 mA
Iout = 30 mA
Iout = 50 mA
Vout = 0.8 V
Vin = 1.8 V + 0.2 Vp−p
Cout = 2.2 mF, ECO = H
Vout = 0.8 V
Vin = 1.8 V + 0.2 Vp−p
Cout = 2.2 mF, ECO = L


Similar Part No. - NCP584HSN26T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP584HSN26T1G ONSEMI-NCP584HSN26T1G Datasheet
133Kb / 14P
   Tri-Mode 200 mA CMOS LDO Regulator with Enable
February, 2010 ??Rev. 14
More results

Similar Description - NCP584HSN26T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP584HSN30T1G ONSEMI-NCP584HSN30T1G Datasheet
133Kb / 14P
   Tri-Mode 200 mA CMOS LDO Regulator with Enable
February, 2010 ??Rev. 14
NCP585DSN33T1G ONSEMI-NCP585DSN33T1G Datasheet
162Kb / 13P
   Tri-Mode 300 mA CMOS LDO Regulator with Enable
July, 2009 ??Rev. 14
NCP585 ONSEMI-NCP585 Datasheet
86Kb / 14P
   Tri-Mode 300 mA CMOS LDO Regulator with Enable
March, 2005 ??Rev. 3
NCP585HSN10T1G ONSEMI-NCP585HSN10T1G Datasheet
162Kb / 13P
   Tri-Mode 300 mA CMOS LDO Regulator with Enable
July, 2009 ??Rev. 14
NCV4263-2C ONSEMI-NCV4263-2C Datasheet
132Kb / 14P
   200 mA LDO Regulator with Enable, Reset & Watchdog
March, 2015 ??Rev. 1
logo
Fairchild Semiconductor
FAN2514 FAIRCHILD-FAN2514 Datasheet
253Kb / 10P
   200 mA CMOS LDO Regulators with Fast Start Enable
logo
ON Semiconductor
NCP582 ONSEMI-NCP582 Datasheet
77Kb / 14P
   Low Noise 150 mA CMOS LDO Regulator with Enable
September, 2004 ??Rev. 2
logo
Fairchild Semiconductor
FAN2534 FAIRCHILD-FAN2534 Datasheet
492Kb / 11P
   150 mA CMOS LDO Regulator with Fast Start, Enable
logo
ON Semiconductor
NCP583 ONSEMI-NCP583 Datasheet
71Kb / 10P
   Ultra?묹ow Iq 150 mA CMOS LDO Regulator with Enable
April, 2006 ??Rev. 5
NCP583 ONSEMI-NCP583_07 Datasheet
72Kb / 10P
   Ultra?묹ow Iq 150 mA CMOS LDO Regulator with Enable
February, 2007 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com