Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

OPA731 Datasheet(PDF) 1 Page - TT Electronics.

Part No. OPA731
Description  20 Watt Light Flood on OptoTherm Linear Heat Spreader
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPA731 Datasheet(HTML) 1 Page - TT Electronics.

  OPA731 Datasheet HTML 1Page - TT Electronics. OPA731 Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Issue A.2
09/08
Page 1 of 2
OPA731 Series
20 Watt Light Flood on
OptoTherm Linear Heat Spreader
OPA731 Series
20, 1 watt LEDs per square substrate
Mono-color per strip (Blue, Green, Red, Yellow, White)
Two component beam angle options (120° or 40°)
Universal connector (Tyco 2-292173-2 mates with 173977-2)
RoHS Compliant
The OPA731 Series are designed for areas where lighting intensity and reliability are essential. The light beam
angles of 40° and 120° are ideal for illuminating small and medium size areas while requiring minimal space. A
High Performance Heat Spreader (HPHS) is used to ensure the best heat dissipation of any light assembly in the
industry.
OptoTherm is designed to be the optimum material for distribution of heat for high power devices.
For custom colors and design contact your OPTEK representative.
Product Photo Here
RoHS
OPA731_ (120° Beam Angle)
OPA731_D (40° Beam Angle)
DO NOT LOOK DIRECTLY AT LED
WITH UNSHIELDED EYES OR
DAMAGE TO RETINA MAY
OCCUR.
Electrical / Optical Characteristics: TA=25°C, IF=1.4A
Part Number
Typical Forward Voltage (V) Luminous Flux (lm)
Beam Angle
Color
OPA731Y
12.5
700
Yellow
OPA731B
18.0
180
Blue
OPA731G
18.0
960
Green
OPA731R
12.5
520
Red
OPA731W
18.0
960
White
OPA731YD
12.5
700
40°
Yellow
OPA731BD
18.0
180
Blue
OPA731GD
18.0
960
Green
OPA731RD
12.5
520
Red
OPA731WD
18.0
960
White
120°
Dominant Wavelength
587 nm
470 nm
530 nm
625 nm
6,500°K
587 nm
470 nm
530 nm
625 nm
6,500°K


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn