Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

NCP5661 Datasheet(PDF) 5 Page - ON Semiconductor

Part No. NCP5661
Description  Low Output Voltage,Ultra-Fast 1.0 A Low Dropout Linear Regulator with Enable
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NCP5661 Datasheet(HTML) 5 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
NCP5661
http://onsemi.com
5
Figure 1. Typical Schematic, Adjustable Output Version
Voltage
Reference
Block
Vref = 0.9 V
Output
Stage
Cin
R1
R2
Vout
ADJ
GND
IN
GND
Figure 2. Typical Schematic, Fixed Output Version
Enable
Block
R3
R4
EN
ON
OFF
Voltage
Reference
Block
Vref = 0.9 V
Output
Stage
R1
R2
Vout
GND
IN
Cc
GND
Enable
Block
R3
R4
EN
ON
OFF
Rflag = 100 k
W
Error
Flag
EF
R1
+ R2
Vout
Vref
* 1
CC*
Vin
Cin
Cout
Vin
Cout
*CC = 5.0 to 200 pF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn