Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2702120 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2702120
Description  8 analog input channels for the connection of resistance temperature detectors (RTD)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2702120 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2702120 Datasheet HTML 1Page - PHOENIX CONTACT 2702120 Datasheet HTML 2Page - PHOENIX CONTACT 2702120 Datasheet HTML 3Page - PHOENIX CONTACT 2702120 Datasheet HTML 4Page - PHOENIX CONTACT 2702120 Datasheet HTML 5Page - PHOENIX CONTACT 2702120 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
https://www.phoenixcontact.com/pi/products/2702120
10/16/2018   Page 2 / 6
I/O module - AXL F RTD8 S 1F - 2702120
Technical data
Dimensions
Caption
Dimensional drawing
Width
53.6 mm
Height
126.1 mm
Depth
54 mm
Note on dimensions
The depth is valid when a TH 35-7,5 DIN rail is used (according to
EN 60715).
Ambient conditions
Ambient temperature (operation)
-25 °C ... 60 °C
Ambient temperature (storage/transport)
-40 °C ... 85 °C
Permissible humidity (operation)
5 % ... 95 % (non-condensing)
Permissible humidity (storage/transport)
5 % ... 95 % (non-condensing)
Air pressure (operation)
70 kPa ... 106 kPa (up to 3000 m above sea level)
Air pressure (storage/transport)
70 kPa ... 106 kPa (up to 3000 m above sea level)
Degree of protection
IP20
Connection data
Designation
Axioline F connector
Connection method
Push-in connection
Note on the connection method
Please observe the information provided on conductor cross sections in
the “Axioline F: system and installation” user manual.
Conductor cross section solid min.
0.2 mm²
Conductor cross section solid max.
1.5 mm²
Conductor cross section flexible min.
0.2 mm²
Conductor cross section flexible max.
1.5 mm²
Conductor cross section AWG min.
24
Conductor cross section AWG max.
16
Stripping length
8 mm
General
Mounting type
DIN rail
Net weight
241.3 g
Note on weight specifications
with connectors and bus base module
Interfaces
Designation
Axioline F local bus
No. of channels
2
Connection method
Bus base module
Transmission speed
100 Mbps
Axioline potentials
Designation
Axioline F local bus supply (UBus)
Supply voltage
5 V DC (via bus base module)


Similar Part No. - 2702120

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2702122 PHOENIX-2702122 Datasheet
49Kb / 1P
   Configuration memory - RAD-900-CONF-RF1
More results

Similar Description - 2702120

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5080C PHOENIX-5080C Datasheet
231Kb / 16P
   Analog Input Module with 4 Channels for the Connection of Resistance Temperature Detectors (RTDs)
7567 PHOENIX-7567 Datasheet
429Kb / 34P
   Inline terminal with eight analog input channels for the connection of resistive temperature detectors (RTD)
2702007 PHOENIX-2702007 Datasheet
166Kb / 6P
   4 analog, bipolar input channels for the connection of current signals
logo
Schneider Electric
ABE7CPA31 SCHNEIDER-ABE7CPA31 Datasheet
156Kb / 5P
   connection sub-base ABE7 - for distribution of 8 analog input channels
logo
PHOENIX CONTACT
2688080 PHOENIX-2688080 Datasheet
122Kb / 6P
   8 analog, bipolar output channels for the connection of either voltage or current signals
logo
NHP Electrical Engineer...
1762-IR4 NHP-1762-IR4 Datasheet
558Kb / 2P
   MicroLogix Expansion RTD/Resistance 4 Channels Input Module
6 June 2023,
logo
WAGO Kontakttechnik Gmb...
753-461 WAGO-753-461 Datasheet
578Kb / 12P
   2-channel analog input; For Pt100/RTD resistance sensors
750-460-000-003 WAGO-750-460-000-003 Datasheet
357Kb / 10P
   4-channel analog input; For Pt1000/RTD resistance sensors
750-460 WAGO-750-460 Datasheet
357Kb / 10P
   4-channel analog input; For Pt1000/RTD resistance sensors
750-460-000-005 WAGO-750-460-000-005 Datasheet
350Kb / 10P
   4-channel analog input; For Ni1000/RTD resistance sensors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com