Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2702106 Datasheet(PDF) 7 Page - PHOENIX CONTACT

Part # 2702106
Description  Axioline F digital input and output module, 16 inputs, 24 V DC, 16 outputs, 24 V DC, 500 mA, 1-wire connection technology
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2702106 Datasheet(HTML) 7 Page - PHOENIX CONTACT

Back Button 2702106 Datasheet HTML 3Page - PHOENIX CONTACT 2702106 Datasheet HTML 4Page - PHOENIX CONTACT 2702106 Datasheet HTML 5Page - PHOENIX CONTACT 2702106 Datasheet HTML 6Page - PHOENIX CONTACT 2702106 Datasheet HTML 7Page - PHOENIX CONTACT 2702106 Datasheet HTML 8Page - PHOENIX CONTACT 2702106 Datasheet HTML 9Page - PHOENIX CONTACT 2702106 Datasheet HTML 10Page - PHOENIX CONTACT 2702106 Datasheet HTML 11Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
AXL F DI16/1 DO16/1 2H
106378_en_00
PHOENIX CONTACT
7
6
Internal circuit diagram
Figure 2
Internal wiring of the terminal points
Key:
C
D
UI
E1
E2
2x
IN 1...16
UBus
Local bus
40
41
73
40
73
41
D
UIO
E1
OUT 1...16
U
24V
IO
01
00
33
00
33
01
Output
circuit
16x
Input circuit
Local bus
Axioline F local bus
(hereinafter referred to as local bus)
Microcontroller
Transistor
Optocoupler
LED
Power supply unit
Electrically isolated areas
Input circuit
Input circuit
Output circuit
Output configuration
µC
µC


Similar Part No. - 2702106

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2702120 PHOENIX-2702120 Datasheet
194Kb / 6P
   8 analog input channels for the connection of resistance temperature detectors (RTD)
2702122 PHOENIX-2702122 Datasheet
49Kb / 1P
   Configuration memory - RAD-900-CONF-RF1
2702131 PHOENIX-2702131 Datasheet
86Kb / 6P
   EtherNet/IP??bus coupler, extreme conditions version, 8 inputs 24 V DC, 4 outputs 24 V DC, 500 mA, complete with I/O connectors
2702132 PHOENIX-2702132 Datasheet
128Kb / 10P
   The bus coupler for the PROFIBUS has 4 digital outputs and 8 digital inputs. This package contains all the necessary Inline connectors for connecting the supply and the I/Os.
2702134 PHOENIX-2702134 Datasheet
520Kb / 15P
   Special function module - IB IL CNT-XC-PAC
Dec 9, 2022
More results

Similar Description - 2702106

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2688349 PHOENIX-2688349 Datasheet
220Kb / 14P
   Axioline F digital output module, 16 outputs, 24 V DC, 500 mA, 1-wire connection method
2688310 PHOENIX-2688310 Datasheet
200Kb / 12P
   Axioline F digital input module, 16 inputs, 24 V DC, 1-wire connection method
2702071 PHOENIX-2702071 Datasheet
237Kb / 15P
   Axioline F digital input and output module, 8 inputs, 24 V DC, 8 outputs, 24 V DC, 500 mA, 2-, 3-conductor connection technology
2688051 PHOENIX-2688051 Datasheet
243Kb / 14P
   Axioline F digital output module, 32 outputs, 24 V DC, 500 mA, 1-wire connection method
2688035 PHOENIX-2688035 Datasheet
214Kb / 11P
   Axioline F digital input module, 32 inputs, 24 V DC, 1-wire connection method
2688022 PHOENIX-2688022 Datasheet
217Kb / 12P
   Axioline F digital input module, 16 inputs, 24 V DC, 2, 3 or 4-wire connection method
2688381 PHOENIX-2688381 Datasheet
218Kb / 14P
   Axioline F digital output module, 8 outputs, 24 V DC, 2 A, 2-wire connection technology
2688048 PHOENIX-2688048 Datasheet
161Kb / 6P
   Axioline F digital output module, 16 outputs, 24 V DC, 500 mA, 2 or 3-wire connection method (including bus base module and connectors)
2742586 PHOENIX-2742586 Datasheet
116Kb / 7P
   INTERBUS bus coupler, 16 inputs, 24 V DC, 16 outputs, 24 V DC, 500 mA, with connecting plugs
2832962 PHOENIX-2832962 Datasheet
150Kb / 5P
   Inline Block I/O digital input/output module, Modbus TCP/IP, 16/32 inputs, 24 V DC, 16 outputs, 24 V DC, 500 mA, 2, 3-conductor connection method
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com