Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2702072 Datasheet(PDF) 12 Page - PHOENIX CONTACT

Part # 2702072
Description  Axioline F analog input and output module, 2 inputs, 2 outputs
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2702072 Datasheet(HTML) 12 Page - PHOENIX CONTACT

Back Button 2702072 Datasheet HTML 8Page - PHOENIX CONTACT 2702072 Datasheet HTML 9Page - PHOENIX CONTACT 2702072 Datasheet HTML 10Page - PHOENIX CONTACT 2702072 Datasheet HTML 11Page - PHOENIX CONTACT 2702072 Datasheet HTML 12Page - PHOENIX CONTACT 2702072 Datasheet HTML 13Page - PHOENIX CONTACT 2702072 Datasheet HTML 14Page - PHOENIX CONTACT 2702072 Datasheet HTML 15Page - PHOENIX CONTACT 2702072 Datasheet HTML 16Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
AXL F AI2 AO2 1H
106048_en_02
PHOENIX CONTACT
12
11
Local status and diagnostic indicators
Figure 10
Local status and diagnostic indicators
30
20
10
00
32
22
12
02
31
21
11
01
33
23
13
03
D
UA
E1
E2
Channel errors are errors that can be associ-
ated with a channel.
Periphery errors are errors that affect the en-
tire module.
Designa-
tion
Color
Meaning
State
Description
D
Red/yel-
low/green
Diagnostics of local bus communication
Run
Green ON
The device is ready for operation, communication within the station
is OK.
All data is valid. There are no faults.
Active
Green
flashing
The device is ready for operation, communication within the station
is OK.
The data is not valid. Valid data from the controller/higher-level net-
work not available.
There is no fault in the module.
Device applica-
tion not active
Flashing
green/yel-
low
The device is ready for operation, communication within the station
is OK.
Output data cannot be outputted and/or input data cannot be
read.
There is a fault on the periphery side of the module..
Ready
Yellow ON The device is ready for operation but did not detect a valid cycle
after power-on.
Connected
Yellow
flashing
The device is not (yet) part of the active configuration.
Reset
Red ON
The device is ready for operation but has lost the connection to the
bus head.
Not connected
Red flash-
ing
The device is ready for operation but there is no connection to the
previously existing device.
Power down
OFF
Device in (power) reset.
UA
Green
U
Analog
ON
Supply for analog modules U
A present.
OFF
Supply for analog modules U
A not present.
E1
Red
Supply voltage
error
ON
Supply for analog modules U
A is faulty.
OFF
Supply for analog modules U
A is OK.
E2
Red
Error
ON
I/O or channel error has occurred.
OFF
No error


Similar Part No. - 2702072

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2702071 PHOENIX-2702071 Datasheet
237Kb / 15P
   Axioline F digital input and output module, 8 inputs, 24 V DC, 8 outputs, 24 V DC, 500 mA, 2-, 3-conductor connection technology
More results

Similar Description - 2702072

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2688064 PHOENIX-2688064 Datasheet
254Kb / 20P
   Axioline F analog input module, 8 inputs, 2-wire connection method
2688527 PHOENIX-2688527 Datasheet
251Kb / 24P
   Axioline F analog output module, 4 outputs
2867322 PHOENIX-2867322 Datasheet
130Kb / 4P
   Analog /digital module for 2 digital inputs/outputs and 1 analog input/output
logo
Schneider Electric
TM3AM6 SCHNEIDER-TM3AM6 Datasheet
172Kb / 6P
   module TM3 - 4 analog inputs and 2 analog outputs
Aug 10, 2019
TM3AM6G SCHNEIDER-TM3AM6G Datasheet
171Kb / 6P
   module TM3 - 4 analog inputs and 2 analog outputs spring
Aug 10, 2019
logo
PHOENIX CONTACT
2688381 PHOENIX-2688381 Datasheet
218Kb / 14P
   Axioline F digital output module, 8 outputs, 24 V DC, 2 A, 2-wire connection technology
2702071 PHOENIX-2702071 Datasheet
237Kb / 15P
   Axioline F digital input and output module, 8 inputs, 24 V DC, 8 outputs, 24 V DC, 500 mA, 2-, 3-conductor connection technology
2688093 PHOENIX-2688093 Datasheet
133Kb / 7P
   Axioline special function module, 2 counter inputs, 2 incremental encoder inputs (including bus base module and connectors)
logo
Schneider Electric
BMXAMO0210 SCHNEIDER-BMXAMO0210 Datasheet
149Kb / 5P
   isolated analog output module X80 - 2 outputs
Apr 18, 2022
TM3AM6G SCHNEIDER-TM3AM6G_V01 Datasheet
198Kb / 8P
   Input/output analog module, Modicon TM3, 4 inputs, 2 output (spring) 24 VDC
Apr 4, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com