Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP584 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP584
Description  Tri-Mode 200 mA CMOS LDO Regulator with Enable
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP584 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP584 Datasheet HTML 3Page - ON Semiconductor NCP584 Datasheet HTML 4Page - ON Semiconductor NCP584 Datasheet HTML 5Page - ON Semiconductor NCP584 Datasheet HTML 6Page - ON Semiconductor NCP584 Datasheet HTML 7Page - ON Semiconductor NCP584 Datasheet HTML 8Page - ON Semiconductor NCP584 Datasheet HTML 9Page - ON Semiconductor NCP584 Datasheet HTML 10Page - ON Semiconductor NCP584 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
NCP584
http://onsemi.com
7
TYPICAL CHARACTERISTICS
Figure 27. Ripple Rejection vs. Frequency
Figure 28. Ripple Rejection vs. Frequency
90
1
10
FREQUENCY, f (kHz)
100
80
70
60
50
40
30
20
10
0
0.1
90
1
10
FREQUENCY, f (kHz)
100
80
70
60
50
40
30
20
10
0
0.1
Iout = 1.0 mA
Iout = 30 mA
Iout = 1.0 mA
Iout = 30 mA
Iout = 50 mA
10
50
TIME, t (
ms)
100
2.68
2.66
2.64
2.62
2.60
2.58
2.56
0
Output Voltage
Input Voltage
20
60
30
70
40
80
90
5
3
2
1
0
4
0.4
2.0
TIME, t (
ms)
4.0
5.0
4.5
4.0
3.5
3.0
2.5
2.0
0.0
Output Voltage
Input Voltage
0.8
2.4
1.2
2.8
1.6
3.2
3.6
5
3
2
1
0
4
ECO = H, Iout = 30 mA
tr = tf = 5 ms, Cout = 1.0 mF
Figure 29. Input Transient Response (Vout = 2.6 V)
ECO = L, Iout = 10 mA
tr = tf = 5 ms, Cout = 1.0 mF
10
50
TIME, t (
ms)
100
2.68
2.66
2.64
2.62
2.60
2.58
2.56
0
Output Voltage
Input Voltage
20
60
30
70
40
80
90
5
3
2
1
0
4
0.4
2.0
TIME, t (
ms)
4.0
5.0
4.5
4.0
3.5
3.0
2.5
2.0
0.0
Output Voltage
Input Voltage
0.8
2.4
1.2
2.8
1.6
3.2
3.6
5
3
2
1
0
4
ECO = H, Iout = 30 mA
tr = tf = 5 ms, Cout = 2.2 mF
ECO = L, Iout = 10 mA
tr = tf = 5 ms, Cout = 2.2 mF
Vout = 1.5 V
Vin = 2.5 V + 0.2 Vp−p
Cout = 2.2 mF, ECO = H
Vout = 1.5 V
Vin = 2.5 V + 0.2 Vp−p
Cout = 2.2 mF, ECO = L


Similar Part No. - NCP584

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP584 ONSEMI-NCP584 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP584HSN09T1G ONSEMI-NCP584HSN09T1G Datasheet
133Kb / 14P
   Tri-Mode 200 mA CMOS LDO Regulator with Enable
February, 2010 ??Rev. 14
NCP584HSN12T1G ONSEMI-NCP584HSN12T1G Datasheet
133Kb / 14P
   Tri-Mode 200 mA CMOS LDO Regulator with Enable
February, 2010 ??Rev. 14
NCP584HSN15T1G ONSEMI-NCP584HSN15T1G Datasheet
133Kb / 14P
   Tri-Mode 200 mA CMOS LDO Regulator with Enable
February, 2010 ??Rev. 14
NCP584HSN18T1G ONSEMI-NCP584HSN18T1G Datasheet
133Kb / 14P
   Tri-Mode 200 mA CMOS LDO Regulator with Enable
February, 2010 ??Rev. 14
More results

Similar Description - NCP584

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP584HSN30T1G ONSEMI-NCP584HSN30T1G Datasheet
133Kb / 14P
   Tri-Mode 200 mA CMOS LDO Regulator with Enable
February, 2010 ??Rev. 14
NCP585DSN33T1G ONSEMI-NCP585DSN33T1G Datasheet
162Kb / 13P
   Tri-Mode 300 mA CMOS LDO Regulator with Enable
July, 2009 ??Rev. 14
NCP585 ONSEMI-NCP585 Datasheet
86Kb / 14P
   Tri-Mode 300 mA CMOS LDO Regulator with Enable
March, 2005 ??Rev. 3
NCP585HSN10T1G ONSEMI-NCP585HSN10T1G Datasheet
162Kb / 13P
   Tri-Mode 300 mA CMOS LDO Regulator with Enable
July, 2009 ??Rev. 14
NCV4263-2C ONSEMI-NCV4263-2C Datasheet
132Kb / 14P
   200 mA LDO Regulator with Enable, Reset & Watchdog
March, 2015 ??Rev. 1
logo
Fairchild Semiconductor
FAN2514 FAIRCHILD-FAN2514 Datasheet
253Kb / 10P
   200 mA CMOS LDO Regulators with Fast Start Enable
logo
ON Semiconductor
NCP582 ONSEMI-NCP582 Datasheet
77Kb / 14P
   Low Noise 150 mA CMOS LDO Regulator with Enable
September, 2004 ??Rev. 2
logo
Fairchild Semiconductor
FAN2534 FAIRCHILD-FAN2534 Datasheet
492Kb / 11P
   150 mA CMOS LDO Regulator with Fast Start, Enable
logo
ON Semiconductor
NCP583 ONSEMI-NCP583 Datasheet
71Kb / 10P
   Ultra?묹ow Iq 150 mA CMOS LDO Regulator with Enable
April, 2006 ??Rev. 5
NCP583 ONSEMI-NCP583_07 Datasheet
72Kb / 10P
   Ultra?묹ow Iq 150 mA CMOS LDO Regulator with Enable
February, 2007 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com