Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

2701835 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part No. 2701835
Description  Processing time per 1000 instructions: 90 μs (bit data types), 1.7 ms (mixed data types)
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHOENIX [PHOENIX CONTACT]
Homepage  http://www.phoenixcontact.com
Logo 

2701835 Datasheet(HTML) 1 Page - PHOENIX CONTACT

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/us/products/2701835
04/19/2016   Page 1 / 4
Starter kit - ILC 131 STARTERKIT - 2701835
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
ILC 131 starter kit incl. ILC 131 ETH, control panel, power supply unit, plus accessories and cables with test
application set up
Product Description
Test the highly communicative ILC 131 ETH high-performance controller. Small to medium function units can be automated inexpensively using this
high-performance controller. The high-performance controller features modular expansion, easy programming, and high performance. We have compiled
this starter kit so that you can try out the capabilities of the ILC 131 ETH for yourself. It has digital and analog output and input terminals as well as
simulation modules. In addition, example projects for PC WORX EXPRESS and the web server are available to the user.
Product Features
Integrated I/Os: 8/4
Processing time per 1000 instructions: 90 µs (bit data types), 1.7 ms (mixed data types)
Program/mass storage: 192 KB/192 KB
Retentive mass storage: 8 KB
Supply voltage: 24 V DC
Key Commercial Data
Packing unit
1 pc
Weight per Piece (excluding packing)
2180.0 g
Custom tariff number
85371091
Country of origin
Germany
Technical data
Product type
Starter kit
Approval
EAC
EAC
Set consists of
Controller
Inline ME terminal


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn