Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE970 Datasheet(PDF) 1 Page - NTE Electronics

Part No. NTE970
Description  Linear Integrated Circuit 3-Terminal Adjustable Positive Voltage Regulator 1.2V to 33V, 3A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE970 Datasheet(HTML) 1 Page - NTE Electronics

  NTE970 Datasheet HTML 1Page - NTE Electronics NTE970 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE970
Linear Integrated Circuit
3–Terminal Adjustable Positive Voltage Regulator
1.2V to 33V, 3A
Description:
The NTE970 is an adjustable 3–terminal positive voltage regulator in a TO3 type package capable
of supplying in excess of 3 Amps over a 1.2V to 33V output range.
Features:
D Adjustable Output Down to 1.2V
D Guaranteed 3A Output Current
D Line Regulation Typically 0.005%/V
D Load Regulation Typically 0.1%
D Thermal Regulation
D Current Limit Constant with Temperature
Absolute Maximum Ratings:
Input–Output Voltage Differential, VI–VO
35V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation, PD
Internally Limited
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature Range, TJ
0
° to +125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–65
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Resistance, Junction–to–Case, RthJC
2.5
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead Temperature (During Soldering, 10sec), TL
+300
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (VI –VO = 5V, IO = 1.5A, Pmax = 30W, 0° ≤ TJ ≤ +125°C unless
otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Line Regulation
Regline
TA = +25°C, 3V ≤ VI – VO ≤ 35V, Note 1
0.005
0.030
%/V
Load Regulation
Regload
VO ≤ 5V TA = +25°C, 0mA ≤ IO ≤ 3A,
5
25
mV
VO ≥ 5V
Note 1
0.1
0.5
%VO
Note 1. Regulation is measured at constant junction temperature. Change in output voltage due to
heating effects must be taken into account separately. Pulse testing with low duty cycle is
used.


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn