Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MRF19030LR3 Datasheet(PDF) 2 Page - Motorola, Inc

Part No. MRF19030LR3
Description  The RF MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF19030LR3 Datasheet(HTML) 2 Page - Motorola, Inc

  MRF19030LR3 Datasheet HTML 1Page - Motorola, Inc MRF19030LR3 Datasheet HTML 2Page - Motorola, Inc MRF19030LR3 Datasheet HTML 3Page - Motorola, Inc MRF19030LR3 Datasheet HTML 4Page - Motorola, Inc MRF19030LR3 Datasheet HTML 5Page - Motorola, Inc MRF19030LR3 Datasheet HTML 6Page - Motorola, Inc MRF19030LR3 Datasheet HTML 7Page - Motorola, Inc MRF19030LR3 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MRF19030LR3 MRF19030LSR3
2
MOTOROLA RF DEVICE DATA
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
(VGS = 0 Vdc, ID = 20 µA)
V(BR)DSS
65
Vdc
Zero Gate Voltage Drain Current
(VDS = 28 Vdc, VGS = 0 Vdc)
IDSS
1
µAdc
Gate-Source Leakage Current
(VGS = 5 Vdc, VDS = 0 Vdc)
IGSS
1
µAdc
ON CHARACTERISTICS
Gate Threshold Voltage
(VDS = 10 Vdc, ID = 100 µAdc)
VGS(th)
2
3
4
Vdc
Gate Quiescent Voltage
(VDS = 28 Vdc, ID = 300 mA)
VGS(Q)
2
3.3
4.5
Vdc
Drain-Source On-Voltage
(VGS = 10 Vdc, ID = 1 Adc)
VDS(on)
0.29
0.4
Vdc
Forward Transconductance
(VDS = 10 Vdc, ID = 1 Adc)
gfs
2
S
DYNAMIC CHARACTERISTICS
Input Capacitance (Including Input Matching Capacitor in Package) (1)
(VDS = 26 Vdc, VGS = 0, f = 1 MHz)
Ciss
98.5
pF
Output Capacitance (1)
(VDS = 26 Vdc, VGS = 0, f = 1 MHz)
Coss
37
pF
Reverse Transfer Capacitance
(VDS = 26 Vdc, VGS = 0, f = 1 MHz)
Crss
1.3
pF
FUNCTIONAL TESTS (In Motorola Test Fixture, 50 ohm system)
Two-Tone Common-Source Amplifier Power Gain
(VDD = 26 Vdc, Pout = 30 W PEP, IDQ = 300 mA,
f1 = 1960.0 MHz, f2 = 1960.1 MHz)
Gps
13
dB
Two-Tone Drain Efficiency
(VDD = 26 Vdc, Pout = 30 W PEP, IDQ = 300 mA,
f1 = 1960.0 MHz, f2 = 1960.1 MHz)
η
36
%
3rd Order Intermodulation Distortion
(VDD = 26 Vdc, Pout = 30 W PEP, IDQ = 300 mA,
f1 = 1960.0 MHz, f2 = 1960.1 MHz)
IMD
-31
dBc
Input Return Loss
(VDD = 26 Vdc, Pout = 30 W PEP, IDQ = 300 mA,
f1 = 1960.0 MHz, f2 = 1960.1 MHz)
IRL
-13
dB
Two-Tone Common-Source Amplifier Power Gain
(VDD = 26 Vdc, Pout = 30 W PEP, IDQ = 300 mA, f1 = 1930.0 MHz,
f2 = 1930.1 MHz and f1 = 1990.0 MHz, f2 = 1990.1 MHz)
Gps
12
13
dB
Two-Tone Drain Efficiency
(VDD = 26 Vdc, Pout = 30 W PEP, IDQ = 300 mA, f1 = 1930.0 MHz,
f2 = 1930.1 MHz and f1 = 1990.0 MHz, f2 = 1990.1 MHz)
η
33
36
%
3rd Order Intermodulation Distortion
(VDD = 26 Vdc, Pout = 30 W PEP, IDQ = 300 mA, f1 = 1930.0 MHz,
f2 = 1930.1 MHz and f1 = 1990.0 MHz, f2 = 1990.1 MHz)
IMD
-31
-28
dBc
Input Return Loss
(VDD = 26 Vdc, Pout = 30 W PEP, IDQ = 300 mA, f1 = 1930.0 MHz,
f2 = 1930.1 MHz and f1 = 1990.0 MHz, f2 = 1990.1 MHz)
IRL
-13
-9
dB
Output Mismatch Stress
(VDD = 26 Vdc, Pout = 30 W CW, IDQ = 300 mA,
f = 1930 MHz, VSWR = 10:1, All Phase Angles at Frequency of Tests)
Ψ
No Degradation In Output Power
Before and After Test
(1) Part is internally matched both on input and output.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MRF9030MR1 The RF Sub-Micron MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Motorola, Inc
MRF9030MR1 The RF Sub-Micron MOSFET Line RF POWER FIELD EFFECT TRANSISTORS N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Freescale Semiconductor, Inc
MRF9060MR1 The RF Sub-micron MOSFET Line RF POWER FIELD EFFECT TRANSISTORS N-channel Enhancement-mode Lateral MOSFETs 1  2  3  4  5  More Motorola, Inc
MRF5S19100HR3 The RF MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Motorola, Inc
MRF9030LR1 The RF Sub-Micron MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Motorola, Inc
MRF18085A The RF MOSFET Line RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Motorola, Inc
MRF1517T1 The RF MOSFET Line RF POWER FIELD EFFECT TRANSISTOR N-CHANNEL ENHANCEMENT-MODE LATERAL MOSFETS 1  2  3  4  5  More Motorola, Inc
MRF5S21130 The RF MOSFET Line RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Motorola, Inc
MRF5S21100LR3 The RF MOSFET Line RF Power Field Effect N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Motorola, Inc
MRF18030BR3 THE RF MOSFET LINE RF POWER FIELD EFFECT TRANSISTORS N - CHANNEL ENHANCEMENT - MODE LATERAL MOSFETS 1  2  3  4  5  More Motorola, Inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn