Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MRF19030LR3 Datasheet(PDF) 5 Page - Motorola, Inc

Part No. MRF19030LR3
Description  The RF MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF19030LR3 Datasheet(HTML) 5 Page - Motorola, Inc

  MRF19030LR3 Datasheet HTML 1Page - Motorola, Inc MRF19030LR3 Datasheet HTML 2Page - Motorola, Inc MRF19030LR3 Datasheet HTML 3Page - Motorola, Inc MRF19030LR3 Datasheet HTML 4Page - Motorola, Inc MRF19030LR3 Datasheet HTML 5Page - Motorola, Inc MRF19030LR3 Datasheet HTML 6Page - Motorola, Inc MRF19030LR3 Datasheet HTML 7Page - Motorola, Inc MRF19030LR3 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
MRF19030LR3 MRF19030LSR3
MOTOROLA RF DEVICE DATA
f
MHz
Zsource
Zload
1930
1960
1990
10.57 - j7.69
10.47 - j7.21
10.54 - j7.43
5.81 - j5.01
5.84 - j4.67
5.84 - j4.35
VDD = 26 V, IDQ = 300 mA, Pout = 30 W PEP
Figure 9. Series Equivalent Source and Load Impedance
f = 1990 MHz
Zo = 25 Ω
f = 1930 MHz
f = 1990 MHz
f = 1930 MHz
Zsource = Test circuit impedance as measured from
gate to ground.
Zload
= Test circuit impedance as measured
from drain to ground.
Z source
Z load
Input
Matching
Network
Device
Under Test
Output
Matching
Network
Zsource
Zload
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MRF9030MR1 The RF Sub-Micron MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Motorola, Inc
MRF9030MR1 The RF Sub-Micron MOSFET Line RF POWER FIELD EFFECT TRANSISTORS N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Freescale Semiconductor, Inc
MRF9060MR1 The RF Sub-micron MOSFET Line RF POWER FIELD EFFECT TRANSISTORS N-channel Enhancement-mode Lateral MOSFETs 1  2  3  4  5  More Motorola, Inc
MRF5S19100HR3 The RF MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Motorola, Inc
MRF9030LR1 The RF Sub-Micron MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Motorola, Inc
MRF18085A The RF MOSFET Line RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Motorola, Inc
MRF1517T1 The RF MOSFET Line RF POWER FIELD EFFECT TRANSISTOR N-CHANNEL ENHANCEMENT-MODE LATERAL MOSFETS 1  2  3  4  5  More Motorola, Inc
MRF5S21130 The RF MOSFET Line RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Motorola, Inc
MRF5S21100LR3 The RF MOSFET Line RF Power Field Effect N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Motorola, Inc
MRF18030BR3 THE RF MOSFET LINE RF POWER FIELD EFFECT TRANSISTORS N - CHANNEL ENHANCEMENT - MODE LATERAL MOSFETS 1  2  3  4  5  More Motorola, Inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn