Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MRF19030LR3 Datasheet(PDF) 3 Page - Motorola, Inc

Part No. MRF19030LR3
Description  The RF MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF19030LR3 Datasheet(HTML) 3 Page - Motorola, Inc

  MRF19030LR3 Datasheet HTML 1Page - Motorola, Inc MRF19030LR3 Datasheet HTML 2Page - Motorola, Inc MRF19030LR3 Datasheet HTML 3Page - Motorola, Inc MRF19030LR3 Datasheet HTML 4Page - Motorola, Inc MRF19030LR3 Datasheet HTML 5Page - Motorola, Inc MRF19030LR3 Datasheet HTML 6Page - Motorola, Inc MRF19030LR3 Datasheet HTML 7Page - Motorola, Inc MRF19030LR3 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
MRF19030LR3 MRF19030LSR3
MOTOROLA RF DEVICE DATA
Figure 1. MRF19030LR3(LSR3) Test Circuit Schematic
B1 - B5
Short Ferrite Beads
C1, C7
10 pF Chip Capacitors, B Case
C2, C8
470 µF, 35 V Electrolytic Capacitors
C3, C5
0.1 µF Chip Capacitors, B Case
C4, C6
5.1 pF Chip Capacitors, B Case
C9
22 µF Tantalum Chip Capacitor
C10
0.4 - 2.5 pF Variable Capacitor, Johanson Gigatrim
L1 - L4
12.5 nH Inductors
R1 - R7
12 Ω Chip Resistors (0805)
Z1
0.080″ x 0.595″ Microstrip
Z2
0.080″ x 0.600″ Microstrip
Z3
0.080″ x 0.480″ Microstrip
Z4
0.325″ x 0.280″ Microstrip
Z5
0.510″ x 0.200″ Microstrip
Z6
0.510″ x 0.200″ Microstrip
Z7
0.325″ x 0.280″ Microstrip
Z8
0.080″ x 0.480″ Microstrip
Z9
0.080″ x 0.530″ Microstrip
Z10
0.080″ x 0.671″ Microstrip
Substrate
0.030″ x 3.00″ x 5.00″ Glass Teflon,
Arlon
Figure 2. MRF19030LR3(LSR3) Test Circuit Component Layout
R2
B3
C2
C8
C10
C4
L4
L2
B2
B4
R6
B5
R7
C1
C7
R5
C5
C6
C9
L3
L1
R1
B1
R3
C3
R4
MRF19030
Rev. 0
RF
INPUT
RF
OUTPUT
Z1
Z2
VGG
C1
C7
C2
+
L2
DUT
VDD
C6
Z9
Z10
L1
Z3
C8
+
C5
Z7
Z8
Z6
C3
B1
R1
B2
R2
C4
Z4
Z5
C9
L3
B3
R5
B4
R6
B5
R7
L4
+
R3
R4
C10
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MRF9030MR1 The RF Sub-Micron MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Motorola, Inc
MRF9030MR1 The RF Sub-Micron MOSFET Line RF POWER FIELD EFFECT TRANSISTORS N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Freescale Semiconductor, Inc
MRF9060MR1 The RF Sub-micron MOSFET Line RF POWER FIELD EFFECT TRANSISTORS N-channel Enhancement-mode Lateral MOSFETs 1  2  3  4  5  More Motorola, Inc
MRF5S19100HR3 The RF MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Motorola, Inc
MRF9030LR1 The RF Sub-Micron MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Motorola, Inc
MRF18085A The RF MOSFET Line RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Motorola, Inc
MRF1517T1 The RF MOSFET Line RF POWER FIELD EFFECT TRANSISTOR N-CHANNEL ENHANCEMENT-MODE LATERAL MOSFETS 1  2  3  4  5  More Motorola, Inc
MRF5S21130 The RF MOSFET Line RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Motorola, Inc
MRF5S21100LR3 The RF MOSFET Line RF Power Field Effect N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Motorola, Inc
MRF18030BR3 THE RF MOSFET LINE RF POWER FIELD EFFECT TRANSISTORS N - CHANNEL ENHANCEMENT - MODE LATERAL MOSFETS 1  2  3  4  5  More Motorola, Inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn