Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MN838898 Datasheet(PDF) 16 Page - Panasonic Semiconductor

Part No. MN838898
Description  CMOS LSI source driver for color TFT LCD panels
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

MN838898 Datasheet(HTML) 16 Page - Panasonic Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16
SDF00030AEM
IOH1
(4) Analog output pins (YX1 to 120, YY1 to 120, YZ1 to 120)
C18
IOL1
C19
mA
mA
- 0.05
0.05
∆ V
O
C20
mV
± 10
± 20
Note 9
V
O
V
C21
V
X is the output voltage for the analog output pin;
V
OUT, the voltage applied to the pin.
I OH2
C22
I OL2
C23
AVSS +0.1
mA
mA
V x = 3.2 V
V
OUT = 2.2 V
- 0.1
0.1
2.5 V
≤ V x
± 15
± 30
± 15
± 30
· The above standards apply only to our standard package for the product.
MN838898
AV
DD -0.1
High level
output current
(gray scale output)
Average output
voltage deviation
Output voltage range
High level
output current
(binary output)
Low level
output current
(binary output)
9)
DV
DD = 2.5V, AVDD = 3.3V, AVSS = DVSS = 0 V, Ta = 25 °C
Note 9
V x = 0.1 V
V
OUT = 1.1 V
0.8 V
< V x < 2.5 V
V x
≤ 0.8 V
Note 9
V x = 3.3 V
V
OUT = 2.3V
Note 9
V x = 0.0 V
V
OUT = 1.0 V
Item
Symbol
Rating
Unit
Conditions
MIN
TYP
MAX
Low level
output current
(gray scale output)
(3) Gamma adjustment resistances
C17
Resistance
R
γ
k
Between V
REF 0
and V
REF 10
23
36
49


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn