Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMKP383 Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. MMKP383
Description  AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Potted Type
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MMKP383 Datasheet(HTML) 3 Page - Vishay Siliconix

  MMKP383 Datasheet HTML 1Page - Vishay Siliconix MMKP383 Datasheet HTML 2Page - Vishay Siliconix MMKP383 Datasheet HTML 3Page - Vishay Siliconix MMKP383 Datasheet HTML 4Page - Vishay Siliconix MMKP383 Datasheet HTML 5Page - Vishay Siliconix MMKP383 Datasheet HTML 6Page - Vishay Siliconix MMKP383 Datasheet HTML 7Page - Vishay Siliconix MMKP383 Datasheet HTML 8Page - Vishay Siliconix MMKP383 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Document Number: 28124
For technical questions contact: filmcaps.roeselare@vishay.com
www.vishay.com
Revision: 28-Feb-05
203
MMKP 383
AC and Pulse Double Metallized
Polypropylene Film Capacitors
MMKP Radial Potted Type
Vishay BCcomponents
URdc = 250 V; URac = 125 V/Up-p = 350 V
C
(
µF)
DIMENSIONS
w
× h(h’) × l
(mm)
MASS
(g)
CATALOG NUMBER 2222 383 ..... AND PACKAGING
LOOSE IN BOX
REEL
lt = 3.5 ±0.3 mm
short
leads
long
leads
original pitch
pitch
= 7.5 mm (bent back)
C-tol
=±5%
C-tol
=±5%
∅ 500 mm
∅ 356 mm
last 5 digits of
catalog number
SPQ
SPQ
SPQ
last 5 digits of
catalog number
SPQ
SPQ
Pitch
= 15.0 ±0.4 mm; d
t = 0.80 ±0.08 mm
pitch
= 15.0 mm pitch = 7.5 mm (bent back)
0.082
5.0
× 11.0 (13.0) × 17.5
1.2
00823
1250
1000
1100
03823
950
550
0.091
00913
03913
0.1
00104
03104
0.11
6.0
× 12.0 (14.0) × 17.5
1.5
00114
1000
1000
900
03114
800
450
0.12
00124
03124
0.13
00134
03134
0.15
00154
03154
0.16
7.0
× 13.5 (15.5) × 17.5
2.0
00164
750
500
800
03164
700
400
0.18
00184
03184
0.2
00204
03204
0.22
8.5
× 15.0 (17.0) × 17.5
2.7
00224
750
500
650
03224
550
300
0.24
00244
03244
0.27
00274
03274
0.3
00304
03304
0.33
10.0
× 16.5 (18.5) × 17.5
3.3
00334
500
450
600
03334
500
250
0.36
00364
03364
0.39
00394
03394
Pitch
= 22.5 ±0.4 mm; d
t = 0.80 ±0.08 mm
pitch
= 22.5 mm pitch = 7.5 mm (bent back)
0.43
7.0
× 16.5 × 26.0
3.5
00434
200
250
550
0.47
8.5
× 18.0 × 26.0
4.8
00474
200
250
450
0.51
00514
0.56
00564
0.62
00624
0.68
10.0
× 19.5 × 26.0
6.0
00684
200
200
350
0.75
00754
0.82
00824
Pitch
= 27.5 ±0.4 mm; d
t = 0.80 ±0.08 mm
pitch
= 27.5 mm pitch = 7.5 mm (bent back)
0.91
11.0
× 21.0 × 31.0
8.4
00914
100
125
1.0
00105
1.1
00115
1.2
00125
1.3
13.0
× 23.0 × 31.0
11.0
00135
100
125
1.5
00155
1.6
00165
1.8
15.0
× 25.0 × 31.0
13.6
00185
100
125
2.0
00205
2.2
18.0
× 28.0 × 31.0
18.5
00225
100
100
2.4
00245
2.7
00275


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn