Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMKP383 Datasheet(PDF) 2 Page - Vishay Siliconix

Part No. MMKP383
Description  AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Potted Type
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MMKP383 Datasheet(HTML) 2 Page - Vishay Siliconix

  MMKP383 Datasheet HTML 1Page - Vishay Siliconix MMKP383 Datasheet HTML 2Page - Vishay Siliconix MMKP383 Datasheet HTML 3Page - Vishay Siliconix MMKP383 Datasheet HTML 4Page - Vishay Siliconix MMKP383 Datasheet HTML 5Page - Vishay Siliconix MMKP383 Datasheet HTML 6Page - Vishay Siliconix MMKP383 Datasheet HTML 7Page - Vishay Siliconix MMKP383 Datasheet HTML 8Page - Vishay Siliconix MMKP383 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
www.vishay.com
For technical questions contact: filmcaps.roeselare@vishay.com
Document Number: 28124
202
Revision: 28-Feb-05
MMKP 383
Vishay BCcomponents
AC and Pulse Double Metallized
Polypropylene Film Capacitors
MMKP Radial Potted Type
COMPOSITION OF CATALOG NUMBER
SPECIFIC REFERENCE DATA (250 VDC)
DESCRIPTION
VALUE
Tangent of loss angle:
at 10 kHz
at 100 kHz
C
≤ 0.15 µF
≤5 × 10−4
≤20 × 10−4
0.15
µF < C ≤ 0.39 µF
≤5 × 10−4
≤25 × 10−4
0.39
µF < C ≤ 0.56 µF
≤10 × 10−4
≤45 × 10−4
0.56
µF < C ≤ 0.82 µF
≤10 × 10−4
≤50 × 10−4
0.82
µF < C ≤ 1.2 µF
≤10 × 10−4
≤65 × 10−4
1.2
µF < C ≤ 1.8 µF
≤15 × 10−4
≤75 × 10−4
1.8
µF < C ≤ 2.2 µF
≤15 × 10−4
≤85 × 10−4
2.2
µF < C ≤ 2.7 µF
≤15 × 10−4
≤95 × 10−4
Rated voltage pulse slope (dU/dt)R:
P
= 15.0 mm and 7.5 mm (bent back), for C ≤ 0.15 µF
450 V/
µs
P
= 15.0 mm and 7.5 mm (bent back),for 0.15 µF < C ≤ 0.39 µF
900 V/
µs
P
= 22.5 mm
290 V/
µs
P
= 27.5 mm, for 0.82 µF < C ≤ 2 µF
190 V/
µs
P
= 27.5 mm, for 2 µF < C ≤ 2.7 µF
130 V/
µs
R between leads, for C
≤ 1 µF at 100 V; 1 minute
>100000 MΩ
RC between leads, for C
>1 µF at 100 V; 1 minute
>100000 s
R between leads and case; 100 V; 1 minute
>30000 MΩ
Ionization (AC) voltage (typical value) at 50 pC peak discharge
>220 V
Withstanding (DC) voltage (cut off current 10 mA); rise time 100 V/s
400 V; 1 minute
Withstanding (DC) voltage between leads and case
2840 V; 1 minute
TYPE AND PITCHES
383
15.0/7.5 mm
15.0 mm
22.5 mm
27.5 mm
TYPE
PACKAGING
LEAD CONFIGURATION
PREFERRED TYPES
C-TOL
250 V
400 V
630 V
1000 V
1400 V
1600 V
2000 V
2500 V
383
loose in box
lead length 3.5 mm
±5%
00
10
20
30
40
50
60
70
taped on reel
(bent back)
H
= 16.0 mm; P
0 = 15.0 mm
reel diameter
= 500 mm
±5%
03
13
23
33
43
53
63
dimensions relating to this code should remain in Parenthesis
ON REQUEST
383
loose in box
lead length 5.0 mm
±5%
01
11
21
31
41
51
61
71
lead length 25.0 mm
±5%
04
14
24
34
44
54
64
74
taped on reel
H
= 18.5 mm; P
0 = 12.7 mm
±5%
02
12
22
32
42
52
62
72
taped on reel
(bent back)
H
= 16.0 mm; P
0 = 15.0 mm
reel diameter
= 356 mm
±5%
05
15
25
35
45
55
65
dimensions relating to this code should remain in Parenthesis
taped on reel
(bent back)
H
= 16.0 mm; P
0 = 15.0 mm
reel diameter
= 356 mm
for hot asphalt encapsulation
±5%
−−−−
46
56
66
dimensions relating to this code should remain in Parenthesis
MULTIPLIER
(nF)
0.1
2
1
3
10
4
100
5
CAPACITANCE
(numerically)
2222
383
XX XX X
Example:
104
= 10 x 10 = 100 nF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn