Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMKP383 Datasheet(PDF) 17 Page - Vishay Siliconix

Part No. MMKP383
Description  AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Potted Type
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

MMKP383 Datasheet(HTML) 17 Page - Vishay Siliconix

 
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
Document Number: 28124
For technical questions contact: filmcaps.roeselare@vishay.com
www.vishay.com
Revision: 28-Feb-05
217
MMKP 383
AC and Pulse Double Metallized
Polypropylene Film Capacitors
MMKP Radial Potted Type
Vishay BCcomponents
MAXIMUM RMS VOLTAGE (SINEWAVE) AS A FUNCTION OF FREQUENCY
Tamb
≤ 85 °C, 250 VDC
10
3
10
2
10
1
f (Hz)
10
3
10
4
10
5
10
6
10
8
10
7
85
°C < Tamb ≤ 105 °C, 250 VDC
10
3
10
2
10
1
f (Hz)
10
2
10
3
10
4
10
5
10
7
10
6
Tamb
≤ 85 °C, 400 VDC
10
3
10
2
10
1
f (Hz)
10
3
10
4
10
5
10
6
10
8
10
7
85
°C < Tamb ≤ 105 °C, 400 VDC
10
3
10
2
10
1
f (Hz)
10
2
10
3
10
4
10
5
10
7
10
6
Tamb
≤ 85 °C, 630 VDC
10
3
10
2
10
1
f (Hz)
10
3
10
4
10
5
10
6
10
8
10
7
85
°C < Tamb ≤ 105 °C, 630 VDC
10
3
10
2
10
1
f (Hz)
10
2
10
3
10
4
10
5
10
7
10
6


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn