Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMKP383 Datasheet(PDF) 16 Page - Vishay Siliconix

Part No. MMKP383
Description  AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Potted Type
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

MMKP383 Datasheet(HTML) 16 Page - Vishay Siliconix

 
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
www.vishay.com
For technical questions contact: filmcaps.roeselare@vishay.com
Document Number: 28124
216
Revision: 28-Feb-05
MMKP 383
Vishay BCcomponents
AC and Pulse Double Metallized
Polypropylene Film Capacitors
MMKP Radial Potted Type
0.0039
6.0
× 15.5 × 26.0
3.0
70392
200
250
600
0.0043
70432
0.0047
70472
0.0051
70512
0.0056
70562
0.0062
7.0
× 16.5 × 26.0
3.5
70622
200
250
550
0.0068
70682
0.0075
70752
0.0082
8.5
× 18.0 × 26.0
4.8
70822
200
250
450
0.0091
70912
0.01
70103
0.011
70113
0.012
10.0
× 19.5 × 26.0
6.0
70123
200
200
350
0.013
70133
0.015
70153
Pitch
= 27.5 ±0.4 mm; d
t = 0.80 ±0.08 mm
0.016
9.0
× 19.0 × 31.0
6.0
70163
100
150
0.018
11.0
× 21.0 × 31.0
8.4
70183
100
125
0.02
70203
0.022
70223
0.024
70243
0.027
13.0
× 23.0 × 31.0
11.0
70273
100
125
0.03
70303
0.033
70333
0.036
15.0
× 25.0 × 31.0
13.6
70363
100
125
0.039
70393
0.043
70433
0.047
18.0
× 28.0 × 31.0
18.5
70473
100
100
0.051
70513
0.056
70563
C
(
µF)
DIMENSIONS
w
× h × l
(mm)
MASS
(g)
CATALOG NUMBER AND PACKAGING
LOOSE IN BOX
REEL
lt = 3.5 ±0.3 mm
short leads
long leads
H
= 18.5 mm
C-tol
=±5%
SPQ
SPQ
SPQ


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn