Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMKP383 Datasheet(PDF) 15 Page - Vishay Siliconix

Part No. MMKP383
Description  AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Potted Type
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

MMKP383 Datasheet(HTML) 15 Page - Vishay Siliconix

 
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
Document Number: 28124
For technical questions contact: filmcaps.roeselare@vishay.com
www.vishay.com
Revision: 28-Feb-05
215
MMKP 383
AC and Pulse Double Metallized
Polypropylene Film Capacitors
MMKP Radial Potted Type
Vishay BCcomponents
SPECIFIC REFERENCE DATA (2500 VDC)
URdc = 2500 V; URac = 900 V/Up-p = 2500 V
0.0027
7.0
× 13.5 (15.5) × 17.5
2.0
66272
400
0.003
66302
0.0033
66332
0.0036
66362
0.0039
66392
0.0043
66432
0.0047
66472
DESCRIPTION
VALUE
Tangent of loss angle:
at 10 kHz
at 100 kHz
C
≤ 0.015 µF
≤5 × 10−4
≤10 × 10−4
0.015
µF < C ≤ 0.056 µF
≤5 × 10−4
≤15 × 10−4
Rated voltage pulse slope (dU/dt)R:
P
= 22.5 mm
13000 V/
µs
P
= 27.5 mm, for 0.015 µF < C ≤ 0.043 µF
6000 V/
µs
P
= 27.5 mm, for 0.043 µF < C ≤ 0.056 µF
4200 V/
µs
R between leads, for C
≤ 1 µF at 500 V; 1 minute
>100000 MΩ
R between leads and case; 500 V; 1 minute
>30000 MΩ
Ionization (AC) voltage (typical value) at 20 pC peak discharge
>1000 V
Withstanding (DC) voltage (cut off current 10 mA); rise time 100 V/s
3500 V; 1 minute
Withstanding (DC) voltage between leads and case
2840 V; 1 minute
C
(
µF)
DIMENSIONS
w
× h × l
(mm)
MASS
(g)
CATALOG NUMBER AND PACKAGING
LOOSE IN BOX
REEL
lt = 3.5 ±0.3 mm
short leads
long leads
H
= 18.5 mm
C-tol
=±5%
SPQ
SPQ
SPQ
Pitch
= 22.5 ±0.4 mm; d
t = 0.80 ±0.08 mm
0.001
6.0
× 15.5 × 26.0
3.0
70102
200
250
600
0.0011
70112
0.0012
70122
0.0013
70132
0.0015
70152
0.0016
70162
0.0018
70182
0.002
70202
0.0022
70222
0.0024
70242
0.0027
70272
0.003
70302
0.0033
70332
0.0036
70362
C
(
µF)
DIMENSIONS
w
× h(h’) × l
(mm)
MAS
S
(g)
CATALOG NUMBER 2222 383 ..... AND PACKAGING
REEL;
∅ 356 mm
C-tol
=±5%
last 5 digits of catalog number
SPQ


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn