Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMKP383 Datasheet(PDF) 14 Page - Vishay Siliconix

Part No. MMKP383
Description  AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Potted Type
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

MMKP383 Datasheet(HTML) 14 Page - Vishay Siliconix

Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
www.vishay.com
For technical questions contact: filmcaps.roeselare@vishay.com
Document Number: 28124
214
Revision: 28-Feb-05
MMKP 383
Vishay BCcomponents
AC and Pulse Double Metallized
Polypropylene Film Capacitors
MMKP Radial Potted Type
URdc = 2000 V; URac = 700 V/Up-p = 2000 V (hot asphalt encapsulation)
Pitch
= 22.5 ±0.4 mm; d
t = 0.80 ±0.08 mm
pitch
= 22.5 mm pitch = 7.5 mm (bent back)
0.011
7.0
× 16.5 × 26.0
3.5
60113
200
250
550
0.012
60123
0.013
60133
0.015
8.5
× 18.0 × 26.0
4.8
60153
200
250
450
0.016
60163
0.018
60183
0.02
10.0
× 19.5 × 26.0
6.0
60203
200
200
350
0.022
60223
0.024
60243
Pitch
= 27.5 ±0.4 mm; d
t = 0.80 ±0.08 mm
pitch
= 27.5 mm pitch = 7.5 mm (bent back)
0.027
11.0
× 21.0 × 31.0
8.4
60273
100
125
0.03
60303
0.033
60333
0.036
60363
0.039
60393
0.043
13.0
× 23.0 × 31.0
11.0
60433
100
125
0.047
60473
0.051
60513
0.056
15.0
× 25.0 × 31.0
13.6
60563
100
125
0.062
60623
0.068
60683
0.075
18.0
× 28.0 × 31.0
18.5
60753
100
100
0.082
60823
0.091
60913
0.1
60104
C
(
µF)
DIMENSIONS
w
× h(h’) × l
(mm)
MAS
S
(g)
CATALOG NUMBER 2222 383 ..... AND PACKAGING
REEL;
∅ 356 mm
C-tol
=±5%
last 5 digits of catalog number
SPQ
Pitch
= 15.0 ±0.4 mm; (Pitch = 7.5 ±0.4 mm for bent back leads); d
t = 0.80 ±0.08 mm
0.001
6.0
× 12.0 (14.0) × 17.5
1.5
66102
450
0.0011
66112
0.0012
66122
0.0013
66132
0.0015
66152
0.0016
66162
0.0018
66182
0.002
66202
0.0022
66222
0.0024
66242
C
(
µF)
DIMENSIONS
w
× h(h’) × l
(mm)
MASS
(g)
CATALOG NUMBER 2222 383 ..... AND PACKAGING
LOOSE IN BOX
REEL
lt = 3.5 ±0.3 mm
short
leads
long
leads
original pitch
pitch
= 7.5 mm (bent back)
C-tol
=±5%
C-tol
=±5%
∅ 500 mm
∅ 356 mm
last 5 digits of
catalog number
SPQ
SPQ
SPQ
last 5 digits of
catalog number
SPQ
SPQ


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn