Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMKP383 Datasheet(PDF) 13 Page - Vishay Siliconix

Part No. MMKP383
Description  AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Potted Type
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

MMKP383 Datasheet(HTML) 13 Page - Vishay Siliconix

Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Document Number: 28124
For technical questions contact: filmcaps.roeselare@vishay.com
www.vishay.com
Revision: 28-Feb-05
213
MMKP 383
AC and Pulse Double Metallized
Polypropylene Film Capacitors
MMKP Radial Potted Type
Vishay BCcomponents
SPECIFIC REFERENCE DATA (2000 VDC)
URdc = 2000 V; URac = 700 V/Up-p = 2000 V (standard)
DESCRIPTION
VALUE
Tangent of loss angle:
at 10 kHz
at 100 kHz
C
≤ 0.01 µF
≤5 × 10−4
≤15 × 10−4
0.01
µF < C ≤ 0.1 µF
≤5 × 10−4
≤18 × 10−4
Rated voltage pulse slope (dU/dt)R:
P
= 15.0 mm and 7.5 mm (bent back), for C ≤ 0.0036 µF
11000 V/
µs
P
= 15.0 mm and 7.5 mm (bent back), for 0.0036 µF < C ≤ 0.01 µF
20000 V/
µs
P
= 22.5 mm
4400 V/
µs
P
= 27.5 mm, for 0.024 µF < C ≤ 0.068 µF
2500 V/
µs
P
= 27.5 mm, for 0.068 µF < C ≤ 0.1 µF
1800 V/
µs
R between leads, for C
≤ 1 µF at 500 V; 1 minute
>100000 MΩ
R between leads and case; 500 V; 1 minute
>30000 MΩ
Ionization (AC) voltage (typical value) at 20 pC peak discharge
>750 V
Withstanding (DC) voltage (cut off current 10 mA); rise time 100 V/s
3200 V; 1 minute
Withstanding (DC) voltage between leads and case
2840 V; 1 minute
C
(
µF)
DIMENSIONS
w
× h(h’) × l
(mm)
MASS
(g)
CATALOG NUMBER 2222 383 ..... AND PACKAGING
LOOSE IN BOX
REEL
lt = 3.5 ±0.3 mm
short
leads
long
leads
original pitch
pitch
= 7.5 mm (bent back)
C-tol
=±5%
C-tol
=±5%
∅ 500 mm
∅ 356 mm
last 5 digits of
catalog number
SPQ
SPQ
SPQ
last 5 digits of
catalog number
SPQ
SPQ
Pitch
= 15.0 ±0.4 mm; d
t = 0.80 ±0.08 mm
pitch
= 15.0 mm pitch = 7.5 mm (bent back)
0.001
5.0
× 11.0 (13.0) × 17.5
1.2
60102
1250
1000
1100
63102
950
550
0.0011
60112
63112
0.0012
60122
63122
0.0013
60132
63132
0.0015
60152
63152
0.0016
60162
63162
0.0018
60182
63182
0.002
60202
63202
0.0022
60222
63222
0.0024
60242
63242
0.0027
6.0
× 12.0 (14.0) × 17.5
1.5
60272
1000
1000
900
63272
800
450
0.003
60302
63302
0.0033
60332
63332
0.0036
60362
63362
0.0039
7.0
× 13.5 (15.5) × 17.5
2.0
60392
750
500
800
63392
700
400
0.0043
60432
63432
0.0047
60472
63472
0.0051
8.5
× 15.0 (17.0) × 17.5
2.7
60512
750
500
650
63512
550
300
0.0056
60562
63562
0.0062
60622
63622
0.0068
60682
63682
0.0075
10.0
× 16.5 (18.5) × 17.5
3.3
60752
500
450
600
63752
500
250
0.0082
60822
63822
0.0091
60912
63912
0.01
60103
63103


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn