Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMKP383 Datasheet(PDF) 12 Page - Vishay Siliconix

Part # MMKP383
Description  AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Potted Type
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MMKP383 Datasheet(HTML) 12 Page - Vishay Siliconix

Back Button MMKP383 Datasheet HTML 8Page - Vishay Siliconix MMKP383 Datasheet HTML 9Page - Vishay Siliconix MMKP383 Datasheet HTML 10Page - Vishay Siliconix MMKP383 Datasheet HTML 11Page - Vishay Siliconix MMKP383 Datasheet HTML 12Page - Vishay Siliconix MMKP383 Datasheet HTML 13Page - Vishay Siliconix MMKP383 Datasheet HTML 14Page - Vishay Siliconix MMKP383 Datasheet HTML 15Page - Vishay Siliconix MMKP383 Datasheet HTML 16Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
www.vishay.com
For technical questions contact: filmcaps.roeselare@vishay.com
Document Number: 28124
212
Revision: 28-Feb-05
MMKP 383
Vishay BCcomponents
AC and Pulse Double Metallized
Polypropylene Film Capacitors
MMKP Radial Potted Type
URdc = 1600 V; URac = 550 V/Up-p = 1600 V (hot asphalt encapsulation)
0.022
8.5
× 18.0 × 26.0
4.8
50223
200
250
450
0.024
50243
0.027
50273
0.03
50303
0.033
10.0
× 19.5 × 26.0
6.0
50333
200
200
350
0.036
50363
0.039
50393
Pitch
= 27.5 ±0.4 mm; d
t = 0.80 ±0.08 mm
pitch
= 27.5 mm pitch = 7.5 mm (bent back)
0.043
11.0
× 21.0 × 31.0
8.4
50433
100
125
0.047
50473
0.051
50513
0.056
50563
0.062
13.0
× 23.0 × 31.0
11.0
50623
100
125
0.068
50683
0.075
50753
0.082
15.0
× 25.0 × 31.0
13.6
50823
100
125
0.091
50913
0.1
50104
0.11
18.0
× 28.0 × 31.0
18.5
50114
100
100
0.12
50124
0.13
50134
0.15
50154
C
(
µF)
DIMENSIONS
w
× h(h’) × l
(mm)
MASS
(g)
CATALOG NUMBER 2222 383 ..... AND PACKAGING
REEL;
∅ 356 mm
C-tol
=±5%
last 5 digits of catalog number
SPQ
Pitch
= 15.0 ±0.4 mm; (Pitch = 7.5 ±0.4 mm for bent back leads); d
t = 0.80 ±0.08 mm
0.0027
6.0
× 12.0 (14.0) × 17.5
1.5
56272
450
0.003
56302
0.0033
56332
0.0036
56362
0.0039
56392
0.0043
7.0
× 13.5 (15.5) × 17.5
2.0
56432
400
0.0047
56472
0.0051
56512
0.0056
56562
0.0062
56622
0.0068
56682
0.0075
56752
C
(
µF)
DIMENSIONS
w
× h(h’) × l
(mm)
MASS
(g)
CATALOG NUMBER 2222 383 ..... AND PACKAGING
LOOSE IN BOX
REEL
lt = 3.5 ±0.3 mm
short
leads
long
leads
original pitch
pitch
= 7.5 mm (bent back)
C-tol
=±5%
C-tol
=±5%
∅ 500 mm
∅ 356 mm
last 5 digits of
catalog number
SPQ
SPQ
SPQ
last 5 digits of
catalog number
SPQ
SPQ


Similar Part No. - MMKP383

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MMKP383 VISHAY-MMKP383 Datasheet
218Kb / 26P
   AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Potted Type
Revision: 05-Nov-08
MMKP383 VISHAY-MMKP383 Datasheet
167Kb / 16P
   AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Potted Type
Revision: 15-Jan-15
MMKP383 VISHAY-MMKP383_08 Datasheet
218Kb / 26P
   AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Potted Type
Revision: 05-Nov-08
MMKP383 VISHAY-MMKP383_15 Datasheet
167Kb / 16P
   AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Potted Type
Revision: 15-Jan-15
More results

Similar Description - MMKP383

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFC238330224 VISHAY-BFC238330224 Datasheet
217Kb / 26P
   AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Potted Type
Revision: 19-Mar-13
MMKP383 VISHAY-MMKP383_15 Datasheet
167Kb / 16P
   AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Potted Type
Revision: 15-Jan-15
MMKP383 VISHAY-MMKP383_08 Datasheet
218Kb / 26P
   AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Potted Type
Revision: 05-Nov-08
MMKP483 VISHAY-MMKP483 Datasheet
216Kb / 21P
   AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Epoxy Lacquered Type
01-Sep-03
MKP385 VISHAY-MKP385_08 Datasheet
136Kb / 15P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 13-Oct-08
MKP1840310104M VISHAY-MKP1840310104M Datasheet
133Kb / 13P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 01-Jul-10
MKP385 VISHAY-MKP385_15 Datasheet
181Kb / 18P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 03-Jun-15
MKP385 VISHAY-MKP385 Datasheet
140Kb / 11P
   Metallized Polypropylene Film AC and Pulse Capacitors MKP Radial Potted Type
Revision: 17-Feb-06
MKP379 VISHAY-MKP379 Datasheet
142Kb / 12P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 10-Sep-03
MKP380 VISHAY-MKP380 Datasheet
244Kb / 8P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com